Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD4MPC Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # S9S08QD4MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD4MPC Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button S9S08QD4MPC Datasheet HTML 33Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 34Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 35Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 36Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 37Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 38Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 39Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 40Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 198 page
background image
Chapter 4 Memory Map and Register Definition
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
37
For compatibility with M68HC05 MCUs, the HCS08 resets the stack pointer to 0x00FF. In the
MC9S08QD4 series, it is usually best to reinitialize the stack pointer to the top of the RAM so the direct
page RAM can be used for frequently accessed RAM variables and bit-addressable program variables.
Include the following 2-instruction sequence in your reset initialization routine (where RamLast is equated
to the highest address of the RAM in the Freescale Semiconductor-provided equate file).
LDHX
#RamLast+1
;point one past RAM
TXS
;SP<-(H:X-1)
When security is enabled, the RAM is considered a secure memory resource and is not accessible through
BDM or through code executing from non-secure memory. See Section 4.6, “Security,” for a detailed
description of the security feature.
4.5
Flash
The flash memory is intended primarily for program storage. In-circuit programming allows the operating
program to be loaded into the flash memory after final assembly of the application product. It is possible
to program the entire array through the single-wire background debug interface. Because no special
voltages are needed for flash erase and programming operations, in-application programming is also
possible through other software-controlled communication paths. For a more detailed discussion of
in-circuit and in-application programming, refer to the HCS08 Family Reference Manual, Volume I,
Freescale Semiconductor document order number HCS08RMv1.
4.5.1
Features
Features of the flash memory include:
•
Flash size
— MC9S08QD4/S9S08QD4: 4096 bytes (8 pages of 512 bytes each)
— MC9S08QD2/S9S08QD2: 2048 bytes (4 pages of 512 bytes each)
•
Single power supply program and erase
•
Command interface for fast program and erase operation
•
Up to 100,000 program/erase cycles at typical voltage and temperature
•
Flexible block protection
•
Security feature for flash and RAM
•
Auto power-down for low-frequency read accesses
4.5.2
Program and Erase Times
Before any program or erase command can be accepted, the flash clock divider register (FCDIV) must be
written to set the internal clock for the flash module to a frequency (fFCLK) between 150 kHz and 200 kHz
(see Section 4.7.1, “Flash Clock Divider Register (FCDIV).”) This register can be written only once, so
normally this write is performed during reset initialization. FCDIV cannot be written if the access error
flag, FACCERR in FSTAT, is set. The user must ensure that FACCERR is not set before writing to the
FCDIV register. One period of the resulting clock (1/fFCLK) is used by the command processor to time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com