Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD4MPC Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # S9S08QD4MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD4MPC Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button S9S08QD4MPC Datasheet HTML 95Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 96Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 97Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 98Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 99Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 100Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 101Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 102Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 198 page
background image
Analog-to-Digital Converter (S08ADC10V1)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
99
8.2.1
Analog Power (VDDAD)
The ADC analog portion uses VDDAD as its power connection. In some packages, VDDAD is connected
internally to VDD. If externally available, connect the VDDAD pin to the same voltage potential as VDD.
External filtering may be necessary to ensure clean VDDAD for good results.
8.2.2
Analog Ground (VSSAD)
The ADC analog portion uses VSSAD as its ground connection. In some packages, VSSAD is connected
internally to VSS. If externally available, connect the VSSAD pin to the same voltage potential as VSS.
8.2.3
Voltage Reference High (VREFH)
VREFH is the high reference voltage for the converter. In some packages, VREFH is connected internally to
VDDAD. If externally available, VREFH may be connected to the same potential as VDDAD, or may be
driven by an external source that is between the minimum VDDAD spec and the VDDAD potential (VREFH
must never exceed VDDAD).
8.2.4
Voltage Reference Low (VREFL)
VREFL is the low reference voltage for the converter. In some packages, VREFL is connected internally to
VSSAD. If externally available, connect the VREFL pin to the same voltage potential as VSSAD.
8.2.5
Analog Channel Inputs (ADx)
The ADC module supports up to 28 separate analog inputs. An input is selected for conversion through
the ADCH channel select bits.
8.3
Register Definition
These memory mapped registers control and monitor operation of the ADC:
•
Status and control register, ADCSC1
•
Status and control register, ADCSC2
•
Data result registers, ADCRH and ADCRL
•
Compare value registers, ADCCVH and ADCCVL
•
Configuration register, ADCCFG
•
Pin enable registers, APCTL1, APCTL2, APCTL3
8.3.1
Status and Control Register 1 (ADCSC1)
This section describes the function of the ADC status and control register (ADCSC1). Writing ADCSC1
aborts the current conversion and initiates a new conversion (if the ADCH bits are equal to a value other
than all 1s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com