Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD4MPC Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # S9S08QD4MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD4MPC Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button S9S08QD4MPC Datasheet HTML 92Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 93Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 94Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 95Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 96Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 97Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 98Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 99Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 198 page
background image
Chapter 8 Analog-to-Digital Converter (ADC10V1)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
96
Freescale Semiconductor
The RTI can be configured to cause a hardware trigger in MCU run, wait, and stop3.
8.1.1.4
Analog Pin Enables
The ADC on MC9S08QD4 contains only one analog pin enable register, APCTL1.
8.1.1.5
Temperature Sensor
To use the on-chip temperature sensor, the user must perform the following:
•
Configure ADC for long sample with a maximum of 1 MHz clock
•
Convert the bandgap voltage reference channel (AD27)
— By converting the digital value of the bandgap voltage reference channel using the value of
VBG the user can determine VDD. For value of bandgap voltage, see Appendix A.5, “DC
Characteristics”.
•
Convert the temperature sensor channel (AD26)
— By using the calculated value of VDD, convert the digital value of AD26 into a voltage, VTEMP
Equation 8-1 provides an approximate transfer function of the on-chip temperature sensor for VDD = 3.0V,
Temp = 25
°C, using the ADC at fADCK = 1.0 MHz and configured for long sample.
TempC = 25 – ((VTEMP – 1.3894) / ( 0.0033))
Eqn. 8-1
0.0017 is the uncalibrated voltage versus temperature slope in V/
°C. Uncalibrated accuracy of the
temperature sensor is approximately ± 12
°C, using Equation 8-1.
To improve accuracy the user must calibrate the bandgap voltage reference and temperature sensor.
Calibrating at 25
°C will improve accuracy to ± 4.5°C.
Calibration at 3 points, -40
°C, 25°C and 105°C will improve accuracy to ± 2.5°C. Once calibration has
been completed, the user will need to calculate the slope for both hot and cold. In application code, the
user would then calculate the temperature using Equation 8-1 as detailed above and then determine if the
temperature is above or below 25
°C. Once determined if the temperature is above or below 25°C, the user
can recalculate the temperature using the hot or cold slope value obtained during calibration.
8.1.1.6
Low-Power Mode Operation
The ADC is capable of running in stop3 mode but requires LVDSE in SPMSC1 to be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com