Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD4MPC Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # S9S08QD4MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD4MPC Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button S9S08QD4MPC Datasheet HTML 43Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 44Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 45Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 46Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 47Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 48Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 49Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 50Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 198 page
background image
Chapter 4 Memory Map and Register Definition
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
47
4.7.3
Flash Configuration Register (FCNFG)
4.7.4
Flash Protection Register (FPROT and NVPROT)
During reset, the contents of the nonvolatile location NVPROT is copied from flash into FPROT. This
register can be read at any time, but user program writes have no meaning or effect.
76
54
321
0
R0
0
KEYACC
00
000
W
Reset
000
00
000
= Unimplemented or Reserved
Figure 4-7. Flash Configuration Register (FCNFG)
Table 4-10. FCNFG Register Field Descriptions
Field
Description
5
KEYACC
Enable Writing of Access Key — This bit enables writing of the backdoor comparison key. For more detailed
information about the backdoor key mechanism, refer to Section 4.6, “Security.”
0 Writes to 0xFFB0–0xFFB7 are interpreted as the start of a flash programming or erase command.
1 Writes to NVBACKKEY (0xFFB0–0xFFB7) are interpreted as comparison key writes.
76
54
321
0
R
FPS(1)
FPDIS(1)
W
Reset
This register is loaded from nonvolatile location NVPROT during reset.
1 Background commands can be used to change the contents of these bits in FPROT.
Figure 4-8. Flash Protection Register (FPROT)
Table 4-11. FPROT Register Field Descriptions
Field
Description
7:1
FPS
Flash Protect Select Bits — When FPDIS = 0, this 7-bit field determines the ending address of unprotected
flash locations at the high address end of the flash. Protected flash locations cannot be erased or programmed.
0
FPDIS
Flash Protection Disable
0 Flash block specified by FPS7:FPS1 is block protected (program and erase not allowed).
1 No flash block is protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com