Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD4MPC Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # S9S08QD4MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD4MPC Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button S9S08QD4MPC Datasheet HTML 13Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 14Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 15Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 16Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 17Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 18Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 19Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 20Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 198 page
background image
Chapter 1 Device Overview
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
17
1.2.1
MCU Block Diagram
Figure 1-1. MC9S08QD4 Series Block Diagram
Table 1-2 provides the functional versions of the on-chip modules.
NOTES:
1 Port pins are software configurable with pullup device if input port.
2 Port pins are software configurable for output drive strength.
3 Port pins are software configurable for output slew rate control.
4 IRQ contains a software configurable (IRQPDD) pullup/pulldown device if PTA5 enabled as IRQ pin function (IRQPE = 1).
5 RESET contains integrated pullup device if PTA5 enabled as reset pin function (RSTPE = 1).
6 PTA5 does not contain a clamp diode to V
DD and must not be driven above VDD. The voltage measured on this pin when
internal pullup is enabled may be as low as VDD – 0.7 V. The internal gates connected to this pin are pulled to VDD.
7 PTA4 contains integrated pullup device if BKGD enabled (BKGDPE = 1).
8 When pin functions as KBI (KBIPEn = 1) and associated pin is configured to enable the pullup device, KBEDGn can be used
to reconfigure the pullup as a pulldown device.
USER RAM
HCS08 CORE
CPU
BDC
2-CH 16-BIT TIMER/PWM
MODULE (TPM1)
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
RTI
COP
IRQ
LVD
VOLTAGE REGULATOR
PTA5/TPM2CH0I/IRQ/RESET
PTA4/TPM2CH0O/BKGD/MS
PTA3/KBI1P3/TCLK2/ADC1P3
PTA2/KBI1P2/TCLK1/ADC1P2
PTA1/KBI1P1/TPM1CH1/ADC1P1
PTA0/KBI1P0/TPM1CH0/ADC1P0
4-BIT KEYBOARD
INTERRUPT MODULE (KBI)
256 / 128 BYTES
16 MHz INTERNAL CLOCK
SOURCE (ICS)
VSS
VDD
VSSA
VDDA
VREFL
VREFH
4
ANALOG-TO-DIGITAL
CONVERTER (ADC)
10-BIT
TPM1CH0
TPM1CH1
BKGD/MS
IRQ
4
1-CH 16-BIT TIMER/PWM
MODULE (TPM2)
TPM2CH0
USER FLASH
4096 / 2048 BYTES
TCLK2
TCLK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com