Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD4MPC Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # S9S08QD4MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD4MPC Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button S9S08QD4MPC Datasheet HTML 67Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 68Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 69Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 70Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 71Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 72Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 73Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 74Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 198 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
71
6.4.2.1
Port A Internal Pullup Enable (PTAPE)
An internal pullup device can be enabled for each port pin by setting the corresponding bit in the pullup
enable register (PTAPEn). The pullup device is disabled if the pin is configured as an output by the parallel
I/O control logic or any shared peripheral function regardless of the state of the corresponding pullup
enable register bit. The pullup device is also disabled if the pin is controlled by an analog function.
6.4.2.2
Port A Slew Rate Enable (PTASE)
Slew rate control can be enabled for each port pin by setting the corresponding bit in the slew rate control
register (PTASEn). When enabled, slew control limits the rate at which an output can transition in order to
reduce EMC emissions. Slew rate control has no effect on pins which are configured as inputs.
76
54
321
0
R
00
PTAPE5
PTAPE41
PTAPE3
PTAPE2
PTAPE1
PTAPE0
W
Reset:
000
00
000
1 PTAPE4 has no effect on the output-only PTA4 pin.
Figure 6-4. Internal Pullup Enable for Port A Register (PTAPE)
Table 6-3. PTAPE Register Field Descriptions
Field
Description
5:0
PTAPE[5:0]
Internal Pullup Enable for Port A Bits — Each of these control bits determines if the internal pullup device is
enabled for the associated PTA pin. For port A pins that are configured as outputs, these bits have no effect and
the internal pullup devices are disabled.
0 Internal pullup device disabled for port A bit n.
1 Internal pullup device enabled for port A bit n.
76
54
321
0
R
00
PTASE51
PTASE4
PTASE3
PTASE2
PTASE1
PTASE0
W
Reset:
001
11
111
1 PTASE5 has no effect on the input-only PTA5 pin.
Figure 6-5. Slew Rate Enable for Port A Register (PTASE)
Table 6-4. PTASE Register Field Descriptions
Field
Description
5:0
PTASE[5:0]
Output Slew Rate Enable for Port A Bits — Each of these control bits determines if the output slew rate control
is enabled for the associated PTA pin. For port A pins that are configured as inputs, these bits have no effect.
0 Output slew rate control disabled for port A bit n.
1 Output slew rate control enabled for port A bit n.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com