Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD4MPC Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # S9S08QD4MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD4MPC Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button S9S08QD4MPC Datasheet HTML 61Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 62Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 63Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 64Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 65Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 66Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 67Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 68Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 198 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
65
5.8.9
System Power Management Status and Control 2 Register
(SPMSC2)
This high-page register contains status and control bits to configure the stop mode behavior of the MCU.
See Section 3.6, “Stop Modes,” for more information on stop modes.
Figure 5-11. System Power Management Status and Control 2 Register (SPMSC2)
5
LVDIE
Low-Voltage Detect Interrupt Enable — This bit enables hardware interrupt requests for LVDF.
0 Hardware interrupt disabled (use polling).
1 Request a hardware interrupt when LVDF = 1.
4
LVDRE
Low-Voltage Detect Reset Enable — This write-once bit enables LVDF events to generate a hardware reset
(provided LVDE = 1).
0 LVDF does not generate hardware resets.
1 Force an MCU reset when LVDF = 1.
3
LVDSE
Low-Voltage Detect Stop Enable — Provided LVDE = 1, this read/write bit determines whether the low-voltage
detect function operates when the MCU is in stop mode.
0 Low-voltage detect disabled during stop mode.
1 Low-voltage detect enabled during stop mode.
2
LVDE
Low-Voltage Detect Enable — This write-once bit enables low-voltage detect logic and qualifies the operation
of other bits in this register.
0 LVD logic disabled.
1 LVD logic enabled.
0
BGBE
Bandgap Buffer Enable — This bit enables an internal buffer for the bandgap voltage reference for use by the
ADC module on one of its internal channels.
0 Bandgap buffer disabled.
1 Bandgap buffer enabled.
76
54
321
0
RLVWF
0
LVDV
LVWV
PPDF
0
PPDC1
1 This bit can be written only one time after reset. Additional writes are ignored.
W
LVWACK
PPDACK
POR:
02
2 LVWF will be set in the case when V
supply transitions below the trip point or after reset and Vsupply is already below VLVW.
00
00
000
LVDR:
02
0
U
U
0
000
Other
Reset
02
0
U
U
0
000
= Unimplemented or Reserved
U = Unaffected by reset
Table 5-12. SPMSC1 Register Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com