Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD4MPC Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # S9S08QD4MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD4MPC Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button S9S08QD4MPC Datasheet HTML 65Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 66Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 67Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 68Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 69Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 70Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 71Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 72Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 198 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
69
•
In stop1 mode, all internal registers including parallel I/O control and data registers are powered
off. Each of the pins assumes its default reset state (output buffer and internal pullup disabled).
Upon exit from stop1, all pins must be re-configured the same as if the MCU had been reset.
•
Stop2 mode is a partial power-down mode, whereby latches maintain the pin state as before the
STOP instruction was executed. CPU register status and the state of I/O registers must be saved in
RAM before the STOP instruction is executed to place the MCU in stop2 mode. Upon recovery
from stop2 mode, before accessing any I/O, the user must examine the state of the PPDF bit in the
SPMSC2 register. If the PPDF bit is 0, I/O must be initialized as if a power on reset had occurred.
If the PPDF bit is 1, I/O data previously stored in RAM, before the STOP instruction was executed,
peripherals previously enabled will require being initialized and restored to their pre-stop
condition. The user must then write a 1 to the PPDACK bit in the SPMSC2 register. Access of pins
is now permitted again in the user’s application program.
•
In stop3 mode, all pin states are maintained because internal logic stays powered up. Upon
recovery, all pin functions are the same as before entering stop3.
6.4
Parallel I/O Registers
6.4.1
Port A Registers
This section provides information about the registers associated with the parallel I/O ports.
Refer to tables in Chapter 4, “Memory Map and Register Definition,” for the absolute address assignments
for all parallel I/O. This section refers to registers and control bits only by their names. A Freescale
Semiconductor-provided equate or header file normally is used to translate these names into the
appropriate absolute addresses.
6.4.1.1
Port A Data (PTAD)
76
54
321
0
R
00
PTAD51
PTAD42
PTAD3
PTAD2
PTAD1
PTAD0
W
Reset:
000
00
000
1 Reads of bit PTAD5 always return the pin value of PTA5, regardless of the value stored in bit PTADD5.
2 Reads of bit PTAD4 always return the contents of PTAD4, regardless of the value stored in bit PTADD4.
Figure 6-2. Port A Data Register (PTAD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com