Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD4MPC Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # S9S08QD4MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD4MPC Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button S9S08QD4MPC Datasheet HTML 66Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 67Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 68Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 69Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 70Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 71Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 72Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 73Page - Freescale Semiconductor, Inc S9S08QD4MPC Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 198 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08QD4 Series MCU Data Sheet, Rev. 6
70
Freescale Semiconductor
6.4.1.2
Port A Data Direction (PTADD)
6.4.2
Port A Control Registers
The pins associated with port A are controlled by the registers in this section. These registers control the
pin pullup, slew rate and drive strength of the Port A pins independent of the parallel I/O register.
Table 6-1. PTAD Register Field Descriptions
Field
Description
5:0
PTAD[5:0]
Port A Data Register Bits — For port A pins that are inputs, reads return the logic level on the pin. For port A
pins that are configured as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port A pins that are configured as outputs, the logic level is
driven out the corresponding MCU pin.
Reset forces PTAD to all 0s, but these 0s are not driven out the corresponding pins because reset also configures
all port pins as high-impedance inputs with pullups disabled.
76
54
321
0
R
00
PTADD51
PTADD42
PTADD3
PTADD2
PTADD1
PTADD0
W
Reset:
000
00
000
1 PTADD5 has no effect on the input-only PTA5 pin. Read this bit is always equal to zero.
2 PTADD4 has no effect on the output-only PTA4 pin.
Figure 6-3. Port A Data Direction Register (PTADD)
Table 6-2. PTADD Register Field Descriptions
Field
Description
5:0
PTADD[5:0]
Data Direction for Port A Bits — These read/write bits control the direction of port A pins and what is read for
PTAD reads.
0 Input (output driver disabled) and reads return the pin value.
1 Output driver enabled for port A bit n and PTAD reads return the contents of PTADn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com