Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28023DAS Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28023DAS
Description  Piccolo Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28023DAS Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320F28023DAS Datasheet HTML 45Page - Texas Instruments TMS320F28023DAS Datasheet HTML 46Page - Texas Instruments TMS320F28023DAS Datasheet HTML 47Page - Texas Instruments TMS320F28023DAS Datasheet HTML 48Page - Texas Instruments TMS320F28023DAS Datasheet HTML 49Page - Texas Instruments TMS320F28023DAS Datasheet HTML 50Page - Texas Instruments TMS320F28023DAS Datasheet HTML 51Page - Texas Instruments TMS320F28023DAS Datasheet HTML 52Page - Texas Instruments TMS320F28023DAS Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 130 page
background image
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523F – NOVEMBER 2008 – REVISED DECEMBER 2010
Table 4-1. ADC Configuration and Control Registers
SIZE
EALLOW
REGISTER NAME
ADDRESS
DESCRIPTION
(x16)
PROTECTED
ADCCTL1
0x7100
1
Yes
Control 1 Register
ADCINTFLG
0x7104
1
No
Interrupt Flag Register
ADCINTFLGCLR
0x7105
1
No
Interrupt Flag Clear Register
ADCINTOVF
0x7106
1
No
Interrupt Overflow Register
ADCINTOVFCLR
0x7107
1
No
Interrupt Overflow Clear Register
ADCINTSEL1AND2
0x7108
1
Yes
Interrupt 1 and 2 Selection Register
ADCINTSEL3AND4
0x7109
1
Yes
Interrupt 3 and 4 Selection Register
ADCINTSEL5AND6
0x710A
1
Yes
Interrupt 5 and 6 Selection Register
ADCINTSEL7AND8
0x710B
1
Yes
Interrupt 7 and 8 Selection Register
ADCINTSEL9AND10
0x710C
1
Yes
Interrupt 9 Selection Register (reserved Interrupt 10 Selection)
ADCSOCPRIORITYCTL
0x7110
1
Yes
SOC Priority Control Register
ADCSAMPLEMODE
0x7112
1
Yes
Sampling Mode Register
ADCINTSOCSEL1
0x7114
1
Yes
Interrupt SOC Selection 1 Register (for 8 channels)
ADCINTSOCSEL2
0x7115
1
Yes
Interrupt SOC Selection 2 Register (for 8 channels)
ADCSOCFLG1
0x7118
1
No
SOC Flag 1 Register (for 16 channels)
ADCSOCFRC1
0x711A
1
No
SOC Force 1 Register (for 16 channels)
ADCSOCOVF1
0x711C
1
No
SOC Overflow 1 Register (for 16 channels)
ADCSOCOVFCLR1
0x711E
1
No
SOC Overflow Clear 1 Register (for 16 channels)
ADCSOC0CTL to
0x7120 –
1
Yes
SOC0 Control Register to SOC15 Control Register
ADCSOC15CTL
0x712F
ADCREFTRIM
0x7140
1
Yes
Reference Trim Register
ADCOFFTRIM
0x7141
1
Yes
Offset Trim Register
ADCREV
0x714F
1
No
Revision Register
Table 4-2. ADC Result Registers (Mapped to PF0)
SIZE
EALLOW
REGISTER NAME
ADDRESS
DESCRIPTION
(x16)
PROTECTED
ADCRESULT0 to
0xB00 –
1
No
ADC Result 0 Register to ADC Result 15 Register
ADCRESULT15
0xB0F
Copyright © 2008–2010, Texas Instruments Incorporated
Peripherals
49
Submit Documentation Feedback
Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com