Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28023DAS Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28023DAS
Description  Piccolo Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28023DAS Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS320F28023DAS Datasheet HTML 85Page - Texas Instruments TMS320F28023DAS Datasheet HTML 86Page - Texas Instruments TMS320F28023DAS Datasheet HTML 87Page - Texas Instruments TMS320F28023DAS Datasheet HTML 88Page - Texas Instruments TMS320F28023DAS Datasheet HTML 89Page - Texas Instruments TMS320F28023DAS Datasheet HTML 90Page - Texas Instruments TMS320F28023DAS Datasheet HTML 91Page - Texas Instruments TMS320F28023DAS Datasheet HTML 92Page - Texas Instruments TMS320F28023DAS Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 130 page
background image
Zero-Pin Oscillator Frequency Movement With Temperature
9.6
9.7
9.8
9.9
10
10.1
10.2
10.3
10.4
10.5
10.6
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
120
Temperature (°C)
Typical
Max
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523F – NOVEMBER 2008 – REVISED DECEMBER 2010
Table 6-9. Internal Zero-Pin Oscillator (INTOSC1/INTOSC2) Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
Internal zero-pin oscillator 1 (INTOSC1)(1)(2)
Frequency
10
MHz
Internal zero-pin oscillator 2 (INTOSC2)(1)(2)
Frequency
10
MHz
Step size (coarse trim)
55
kHz
Step size (fine trim)
14
kHz
Temperature drift(3)
3.03
4.85
kHz/°C
Voltage (VDD) drift
(3)
175
Hz/mV
(1)
In order to achieve better oscillator accuracy (10 MHz ± 1% or better) than shown, refer to the oscillator calibration example in
2802x C/C++ Header Files and Peripheral Examples (literature number SPRC832). Refer to Figure 6-5 for MIN/MAX values.
(2)
Frequency range ensured only when VREG is enabled, VREGENZ = VSS.
(3)
Output frequency of the internal oscillators follows the direction of both the temperature gradient and voltage (VDD) gradient. For
example:
•
Increase in temperature will cause the output frequency to increase per the temperature coefficient.
•
Decrease in voltage (VDD) will cause the output frequency to decrease per the voltage coefficient.
Figure 6-5. Zero-Pin Oscillator Frequency Movement With Temperature
Copyright © 2008–2010, Texas Instruments Incorporated
Electrical Specifications
89
Submit Documentation Feedback
Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com