Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28023DAS Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28023DAS
Description  Piccolo Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28023DAS Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMS320F28023DAS Datasheet HTML 81Page - Texas Instruments TMS320F28023DAS Datasheet HTML 82Page - Texas Instruments TMS320F28023DAS Datasheet HTML 83Page - Texas Instruments TMS320F28023DAS Datasheet HTML 84Page - Texas Instruments TMS320F28023DAS Datasheet HTML 85Page - Texas Instruments TMS320F28023DAS Datasheet HTML 86Page - Texas Instruments TMS320F28023DAS Datasheet HTML 87Page - Texas Instruments TMS320F28023DAS Datasheet HTML 88Page - Texas Instruments TMS320F28023DAS Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 130 page
background image
TRST
TMS
TDI
TDO
TCK
V
DDIO
MCU
EMU0
EMU1
TRST
TMS
TDI
TDO
TCK
TCK_RET
13
14
2
1
3
7
11
9
6 inches or less
PD
GND
GND
GND
GND
GND
5
4
6
8
10
12
JTAG Header
V
DDIO
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523F – NOVEMBER 2008 – REVISED DECEMBER 2010
6.5
Thermal Design Considerations
Based on the end application design and operational profile, the IDD and IDDIO currents could vary.
Systems that exceed the recommended maximum power dissipation in the end product may require
additional thermal enhancements. Ambient temperature (TA) varies with the end application and product
design. The critical factor that affects reliability and functionality is TJ, the junction temperature, not the
ambient temperature. Hence, care should be taken to keep TJ within the specified limits. Tcase should be
measured to estimate the operating junction temperature TJ. Tcase is normally measured at the center of
the package top-side surface. The thermal application reports IC Package Thermal Metrics (literature
number SPRA953) and Reliability Data for TMS320LF24xx and TMS320F28xx Devices (literature number
SPRA963) help to understand the thermal metrics and definitions.
6.6
Emulator Connection Without Signal Buffering for the MCU
Figure 6-3 shows the connection between the MCU and JTAG header for a single-processor configuration.
If the distance between the JTAG header and the MCU is greater than 6 inches, the emulation signals
must be buffered. If the distance is less than 6 inches, buffering is typically not needed. Figure 6-3 shows
the simpler, no-buffering situation. For the pullup/pulldown resistor values, see Section 2.2, Signal
Descriptions.
A.
See Figure 4-11 for JTAG/GPIO multiplexing.
Figure 6-3. Emulator Connection Without Signal Buffering for the MCU
NOTE
The 2802x devices do not have EMU0/EMU1 pins. For designs that have a JTAG Header
on-board, the EMU0/EMU1 pins on the header must be tied to VDDIO through a 4.7-kΩ
(typical) resistor.
Copyright © 2008–2010, Texas Instruments Incorporated
Electrical Specifications
85
Submit Documentation Feedback
Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com