Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28023DAS Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28023DAS
Description  Piccolo Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28023DAS Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320F28023DAS Datasheet HTML 87Page - Texas Instruments TMS320F28023DAS Datasheet HTML 88Page - Texas Instruments TMS320F28023DAS Datasheet HTML 89Page - Texas Instruments TMS320F28023DAS Datasheet HTML 90Page - Texas Instruments TMS320F28023DAS Datasheet HTML 91Page - Texas Instruments TMS320F28023DAS Datasheet HTML 92Page - Texas Instruments TMS320F28023DAS Datasheet HTML 93Page - Texas Instruments TMS320F28023DAS Datasheet HTML 94Page - Texas Instruments TMS320F28023DAS Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 130 page
background image
tw(RSL1)
th(boot-mode)(C)
V
V
(3.3V)
DDIO
DDA
,
INTOSC1
X1/X2
XRS
(D)
Boot-Mode
Pins
V
(1.8V)
DD
XCLKOUT
I/OPins
User-codedependent
User-codedependent
Boot-ROMexecutionstarts
Peripheral/GPIOfunction
Basedonbootcode
GPIOpinsasinput
GPIOpinsasinput(statedependsoninternalPU/PD)
t
OSCST
User-codedependent
Address/Data/
Control
(Internal)
Address/datavalid,internalboot-ROMcodeexecutionphase
User-codeexecutionphase
td(EX)
t
INTOSCST
(A)
(B)
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523F – NOVEMBER 2008 – REVISED DECEMBER 2010
6.9
Power Sequencing
There is no power sequencing requirement needed to ensure the device is in the proper state after reset
or to prevent the I/Os from glitching during power up/down. However, it is recommended that no voltage
larger than a diode drop (0.7 V) should be applied to any pin prior to powering up the device. Voltages
applied to pins on an unpowered device can bias internal p-n junctions in unintended ways and produce
unpredictable results.
A.
Upon power up, SYSCLKOUT is OSCCLK/4. Since the XCLKOUTDIV bits in the XCLK register come up with a reset
state of 0, SYSCLKOUT is further divided by 4 before it appears at XCLKOUT. XCLKOUT = OSCCLK/16 during this
phase.
B.
Boot ROM configures the DIVSEL bits for /1 operation. XCLKOUT = OSCCLK/4 during this phase. Note that
XCLKOUT will not be visible at the pin until explicitly configured by user code.
C.
After reset, the boot ROM code samples Boot Mode pins. Based on the status of the Boot Mode pin, the boot code
branches to destination memory or boot code function. If boot ROM code executes after power-on conditions (in
debugger environment), the boot code execution time is based on the current SYSCLKOUT speed. The SYSCLKOUT
will be based on user environment and could be with or without PLL enabled.
D.
Using the XRS pin is optional due to the on-chip power-on reset (POR) circuitry.
Figure 6-7. Power-on Reset
Copyright © 2008–2010, Texas Instruments Incorporated
Electrical Specifications
91
Submit Documentation Feedback
Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com