Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28023DAS Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28023DAS
Description  Piccolo Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28023DAS Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320F28023DAS Datasheet HTML 93Page - Texas Instruments TMS320F28023DAS Datasheet HTML 94Page - Texas Instruments TMS320F28023DAS Datasheet HTML 95Page - Texas Instruments TMS320F28023DAS Datasheet HTML 96Page - Texas Instruments TMS320F28023DAS Datasheet HTML 97Page - Texas Instruments TMS320F28023DAS Datasheet HTML 98Page - Texas Instruments TMS320F28023DAS Datasheet HTML 99Page - Texas Instruments TMS320F28023DAS Datasheet HTML 100Page - Texas Instruments TMS320F28023DAS Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 130 page
background image
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523F – NOVEMBER 2008 – REVISED DECEMBER 2010
Table 6-19. STANDBY Mode Timing Requirements
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Without input qualification
3tc(OSCCLK)
Pulse duration, external
tw(WAKE-INT)
cycles
wake-up signal
With input qualification(1)
(2 + QUALSTDBY) * tc(OSCCLK)
(1)
QUALSTDBY is a 6-bit field in the LPMCR0 register.
Table 6-20. STANDBY Mode Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Delay time, IDLE instruction
td(IDLE-XCOL)
32tc(SCO)
45tc(SCO)
cycles
executed to XCLKOUT low
Delay time, external wake signal to program execution
cycles
resume(1)
Without input qualifier
100tc(SCO)
•
Wake up from flash
cycles
–
Flash module in active
With input qualifier
100tc(SCO) + tw(WAKE-INT)
state
td(WAKE-STBY)
Without input qualifier
1125tc(SCO)
•
Wake up from flash
cycles
–
Flash module in sleep
With input qualifier
1125tc(SCO) + tw(WAKE-INT)
state
Without input qualifier
100tc(SCO)
cycles
•
Wake up from SARAM
With input qualifier
100tc(SCO) + tw(WAKE-INT)
(1)
This is the time taken to begin execution of the instruction that immediately follows the IDLE instruction. execution of an ISR (triggered
by the wake up signal) involves additional latency.
Copyright © 2008–2010, Texas Instruments Incorporated
Electrical Specifications
97
Submit Documentation Feedback
Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com