Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28023DAS Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28023DAS
Description  Piccolo Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28023DAS Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS320F28023DAS Datasheet HTML 13Page - Texas Instruments TMS320F28023DAS Datasheet HTML 14Page - Texas Instruments TMS320F28023DAS Datasheet HTML 15Page - Texas Instruments TMS320F28023DAS Datasheet HTML 16Page - Texas Instruments TMS320F28023DAS Datasheet HTML 17Page - Texas Instruments TMS320F28023DAS Datasheet HTML 18Page - Texas Instruments TMS320F28023DAS Datasheet HTML 19Page - Texas Instruments TMS320F28023DAS Datasheet HTML 20Page - Texas Instruments TMS320F28023DAS Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 130 page
background image
M0 Vector RAM (Enabled if VMAP = 0)
M0 SARAM (1K x 16, 0-Wait)
M1 SARAM (1K x 16, 0-Wait)
0x00 0000
0x00 0040
0x00 0400
Data Space
Prog Space
Reserved
User OTP (1K x 16, Secure Zone + ECSL)
Reserved
0x00 8C00
0x3D 7800
0x3D 7C00
Reserved
FLASH
(32K x 16, 4 Sectors, Secure Zone + ECSL)
128-Bit Password
L0 SARAM (3K x 16)
(0-Wait, Secure Zone + ECSL, Dual Mapped)
Reserved
Boot ROM (8K x 16, 0-Wait)
Vector (32 Vectors, Enabled if VMAP = 1)
0x3D 8000
0x3F 0000
0x3F 7FF8
0x3F 8000
0x3F 8C00
0x3F E000
0x3F FFC0
Reserved
Peripheral Frame 1
(4K x 16, Protected)
Peripheral Frame 2
(4K x 16, Protected)
L0 SARAM (3K x 16)
(0-Wait, Secure Zone + ECSL, Dual Mapped)
0x00 2000
0x00 6000
0x00 7000
0x00 8000
Peripheral Frame 0
0x00 0800
Peripheral Frame 0
0x00 0E00
0x00 0D00
PIE Vector - RAM
(256 x 16)
(Enabled if
VMAP = 1,
ENPIE = 1)
0x3D 7C80
Calibration Data
0x3D 7CC0
Get_mode function
0x3D 7CE0
Reserved
0x3D 7FFF
PARTID
Reserved
Reserved
0x3D 7EB0
Reserved
0x3D 7E80
Calibration Data
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523F – NOVEMBER 2008 – REVISED DECEMBER 2010
A.
Memory locations 0x3D 7E80–0x3D 7EAF are reserved in TMX/TMP silicon.
Figure 3-4. 28021 Memory Map
Copyright © 2008–2010, Texas Instruments Incorporated
Functional Overview
17
Submit Documentation Feedback
Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com