Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28023DAS Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28023DAS
Description  Piccolo Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28023DAS Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS320F28023DAS Datasheet HTML 16Page - Texas Instruments TMS320F28023DAS Datasheet HTML 17Page - Texas Instruments TMS320F28023DAS Datasheet HTML 18Page - Texas Instruments TMS320F28023DAS Datasheet HTML 19Page - Texas Instruments TMS320F28023DAS Datasheet HTML 20Page - Texas Instruments TMS320F28023DAS Datasheet HTML 21Page - Texas Instruments TMS320F28023DAS Datasheet HTML 22Page - Texas Instruments TMS320F28023DAS Datasheet HTML 23Page - Texas Instruments TMS320F28023DAS Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 130 page
background image
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
SPRS523F – NOVEMBER 2008 – REVISED DECEMBER 2010
www.ti.com
Table 3-1. Addresses of Flash Sectors in F28021/28023/28027
ADDRESS RANGE
PROGRAM AND DATA SPACE
0x3F 0000 – 0x3F 1FFF
Sector D (8K x 16)
0x3F 2000 – 0x3F 3FFF
Sector C (8K x 16)
0x3F 4000 – 0x3F 5FFF
Sector B (8K x 16)
0x3F 6000 – 0x3F 7F7F
Sector A (8K x 16)
Program to 0x0000 when using the
0x3F 7F80 – 0x3F 7FF5
Code Security Module
Boot-to-Flash Entry Point
0x3F 7FF6 – 0x3F 7FF7
(program branch instruction here)
Security Password (128-Bit)
0x3F 7FF8 – 0x3F 7FFF
(Do not program to all zeros)
Table 3-2. Addresses of Flash Sectors in F28020/28022/28026
ADDRESS RANGE
PROGRAM AND DATA SPACE
0x3F 4000 – 0x3F 4FFF
Sector D (4K x 16)
0x3F 5000 – 0x3F 5FFF
Sector C (4K x 16)
0x3F 6000 – 0x3F 6FFF
Sector B (4K x 16)
0x3F 7000 – 0x3F 7F7F
Sector A (4K x 16)
Program to 0x0000 when using the
0x3F 7F80 – 0x3F 7FF5
Code Security Module
Boot-to-Flash Entry Point
0x3F 7FF6 – 0x3F 7FF7
(program branch instruction here)
Security Password (128-Bit)
0x3F 7FF8 – 0x3F 7FFF
(Do not program to all zeros)
Table 3-3. Addresses of Flash Sectors in F280200
ADDRESS RANGE
PROGRAM AND DATA SPACE
0x3F 6000 – 0x3F 6FFF
Sector B (4K x 16)
0x3F 7000 – 0x3F 7F7F
Sector A (4K x 16)
Program to 0x0000 when using the
0x3F 7F80 – 0x3F 7FF5
Code Security Module
Boot-to-Flash Entry Point
0x3F 7FF6 – 0x3F 7FF7
(program branch instruction here)
Security Password (128-Bit)
0x3F 7FF8 – 0x3F 7FFF
(Do not program to all zeros)
NOTE
•
When the code-security passwords are programmed, all addresses between 0x3F 7F80
and 0x3F 7FF5 cannot be used as program code or data. These locations must be
programmed to 0x0000.
•
If the code security feature is not used, addresses 0x3F 7F80 through 0x3F 7FEF may
be used for code or data. Addresses 0x3F 7FF0 – 0x3F 7FF5 are reserved for data and
should not contain program code.
Table 3-4 shows how to handle these memory locations.
20
Functional Overview
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com