Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8978CGEFL/RV Datasheet(PDF) 103 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/RV Datasheet(HTML) 103 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/RV Datasheet HTML 99Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 100Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 101Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 102Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 103Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 104Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 105Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 106Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 107Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
103
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
5:0
INPPGAVOLL
010000
Left channel input PGA volume
000000 = -12dB
000001 = -11.25db
.
010000 = 0dB
.
111111 = 35.25dB
Input Signal
Path
46 (2Eh)
8
INPPGAUPDATE
N/A
INPPGAVOLL and INPPGAVOLR volume do not
update until a 1 is written to INPPGAUPDATE (in
reg 45 or 46)
Input Signal
Path
7
INPPGAZCR
0
Right channel input PGA zero cross enable:
0=Update gain when gain register changes
1=Update gain on 1
st zero cross after gain
register write.
Input Signal
Path
6
INPPGAMUTER
0
Mute control for right channel input PGA:
0=Input PGA not muted, normal operation
1=Input PGA muted (and disconnected from the
following input BOOST stage).
Input Signal
Path
5:0
INPPGAVOLR
010000
Right channel input PGA volume
000000 = -12dB
000001 = -11.25db
.
010000 = 0dB
.
111111 = +35.25dB
Input Signal
Path
47 (2Fh)
8
PGABOOSTL
1
Boost enable for left channel input PGA:
0 = PGA output has +0dB gain through input
BOOST stage.
1 = PGA output has +20dB gain through input
BOOST stage.
Input Signal
Path
7
0
Reserved
6:4
L2_2BOOSTVOL
000
Controls the L2 pin to the left channel input
boost stage:
000=Path disabled (disconnected)
001=-12dB gain through boost stage
010=-9dB gain through boost stage
…
111=+6dB gain through boost stage
Input Signal
Path
3
0
Reserved
2:0
AUXL2BOOSTVOL
000
Controls the auxiliary amplifier to the left channel
input boost stage:
000=Path disabled (disconnected)
001=-12dB gain through boost stage
010=-9dB gain through boost stage
…
111=+6dB gain through boost stage
Input Signal
Path
48 (30h)
8
PGABOOSTR
1
Boost enable for right channel input PGA:
0 = PGA output has +0dB gain through input
BOOST stage.
1 = PGA output has +20dB gain through input
BOOST stage.
Input Signal
Path
7
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com