Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8978CGEFL/RV Datasheet(PDF) 105 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/RV Datasheet(HTML) 105 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/RV Datasheet HTML 101Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 102Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 103Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 104Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 105Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 106Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 107Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 108Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 109Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
105
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
4:2
BYPLMIXVOL
000
Left bypass volume control to output channel
mixer:
000 = -15dB
001 = -12dB
…
101 = 0dB
110 = +3dB
111 = +6dB
Analogue
Outputs
1
BYPL2L
MIX
0
Left bypass path (from the left channel input
boost output) to left output mixer
0 = not selected
1 = selected
Analogue
Outputs
0
DACL2L
MIX
1
Left DAC output to left output mixer
0 = not selected
1 = selected
Analogue
Outputs
51 (33h)
8:6
AUXRMIXVOL
000
Aux right channel input to right mixer volume
control:
000 = -15dB
001 = -12dB
…
101 = 0dB
110 = +3dB
111 = +6dB
Analogue
Outputs
5
AUXR2RMIX
0
Right Auxiliary input to right channel output
mixer:
0 = not selected
1 = selected
Analogue
Outputs
4:2
BYPRMIXVOL
000
Right bypass volume control to output channel
mixer:
000 = -15dB
001 = -12dB
…
101 = 0dB
110 = +3dB
111 = +6dB
Analogue
Outputs
1
BYPR2RMIX
0
Right bypass path (from the right channel input
boost output) to right output mixer
0 = not selected
1 = selected
Analogue
Outputs
0
DACR2RMIX
1
Right DAC output to right output mixer
0 = not selected
1 = selected
Analogue
Outputs
52 (34h)
8
HPVU
N/A
LOUT1 and ROUT1 volumes do not update until
a 1 is written to HPVU (in reg 52 or 53)
Analogue
Outputs
7
LOUT1ZC
0
Headphone volume zero cross enable:
1 = Change gain on zero cross only
0 = Change gain immediately
Analogue
Outputs
6
LOUT1MUTE
0
Left headphone output mute:
0 = Normal operation
1 = Mute
Analogue
Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com