Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8351CGEB/V Datasheet(PDF) 54 Page - Wolfson Microelectronics plc

Part # WM8351CGEB/V
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351CGEB/V Datasheet(HTML) 54 Page - Wolfson Microelectronics plc

Back Button WM8351CGEB/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 58Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
54
12.3.4
ADCLRCLK / DACLRCLK CONTROL
In Master Mode, ADCLRCLK and DACLRCLK are derived from BCLK via programmable dividers set
by ADCLRC_RATE and DACLRC_RATE. The BCLK frequency is derived from SYSCLK according to
BCLK_DIV, as described earlier in Table 11.
In Slave Mode, ADCLRCLK and DACLRCLK are generated externally and are input to the CODEC.
By default, the LRCLK pin provides the L/R Clock signal for the ADC and the DAC. If a separate L/R
Clock is required for the ADC and the DAC, then a GPIO pin must be configured as ADCLRCLK (or
ADCLRCB) as described in Section 20. The LRCLK pin can be driven by either ADCLRCLK or by
DACLRCLK in Master Mode; this is selected by the LRC_ADC_SEL bit as described in Table 13.
Master/Slave operation for ADCLRCLK is controlled by the ADCLRC_ENA register field.
Master/Slave operation for DACLRCLK is controlled by the DACLRC_ENA register field.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R70 (46h)
ADC LRC
Rate
11
ADCLRC_ENA
0
Enables the LRC generation for the
ADC
0 = disabled
1 = enabled
10:0
ADCLRC_RATE
[10:0]
040h
(64
BCLK/LRC)
Determines the number of bit clocks
per LRC phase (when enabled)
00000000000 = invalid
...
00000000111 = invalid
00000001000 = 8 BCPS
…
11111111111 = 2047 BCPS
R53 (35h)
DAC LRC
Rate
11
DACLRC_ENA
0
Enables DAC LRC generation in
Master mode
0 = disabled
1 = enabled
10:0
DACLRC_RATE
[10:0]
040h
(64
BCLK/LRC)
Determines the number of bit clocks
per LRC phase (when enabled)
00000000000 = invalid
...
00000000111 = invalid
00000001000 = 8 BCPS
…
11111111111 = 2047 BCPS
R41 (29h)
Clock
Control 2
15
LRC_ADC_SEL
0
Selects either ADCLRCLK or
DACLRCLK to drive LRCLK pin in
Master Mode
0 = DACLRCLK
1 = ADCLRCLK
Table 13 ADCLRCLK / DACLRCLK Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com