Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8351CGEB/V Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8351CGEB/V
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351CGEB/V Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8351CGEB/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 330 page
background image
w
WM8351
Wolfson AudioPlus™ Stereo CODEC with Power Management
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, April 2012, Rev 4.5
Copyright
2012 Wolfson Microelectronics plc
DESCRIPTION
The WM8351 is an integrated audio and power management
subsystem which provides a cost effective, single-chip solution
for portable audio and multimedia systems.
The integrated audio CODEC provides all the necessary
functions for high-quality stereo recording and playback.
Programmable on-chip amplifiers allow for the direct
connection of headphones and microphones with a minimum
of external components. A programmable low-noise bias
voltage is available to feed one or more electret microphones.
Additional audio features include programmable high-pass
filter in the ADC input path.
The WM8351 includes four programmable DC-DC converters,
four low-dropout (LDO) regulators and a current limit switch to
generate suitable supply voltages for each part of the system,
including the integrated audio CODEC as well as off-chip
components such as a digital core and I/O supplies, and LED
lighting. An additional on-chip regulator maintains the backup
power for always-on functions. The WM8351 can be powered
by a lithium battery, by a wall adaptor or USB.
An on-chip battery charger supports both trickle charging and
fast (constant current, constant voltage) charging of single-cell
lithium batteries. The charge current, termination voltage, and
charger time-out are programmable to suit different types of
batteries.
Internal power management circuitry controls the start-up and
shutdown sequencing of clocks and supply voltages. It also
detects and handles conditions such as under-voltage,
extreme temperatures, and deeply discharged or defective
batteries, with a minimum of software involvement.
A programmable constant-current sink is available for driving
LED strings, e.g. for display backlights or photo-flash
applications, in a highly power-efficient way. Additional RGB
LEDs can be driven through GPIO pins.
The WM8351 includes a 32.768kHz crystal oscillator, an
internal RC oscillator, a real-time clock (RTC) and an alarm
function capable of waking up the system. Internal circuitry can
generate all clock signals required to start up the device.
The master clock for the audio CODEC can be input directly,
or may be generated internally using an integrated, low power
Frequency Locked Loop (FLL).
To extend battery life, fine-grained power management
enables each function in the WM8351 to be independently
powered down through the control interface. The WM8351
forms part of the Wolfson AudioPlus
TM series of audio and
power management solutions.
FEATURES
Stereo Hi-Fi CODEC
DAC SNR 95dB (‘A’ weighted @ 48kHz), THD –81dB
ADC SNR 95dB (‘A’ weighted @ 48kHz), THD –83dB
40mW on-chip headphone driver with ‘capless’ option
16Ω headphone load: THD -72dB, Po = 20mW
2 differential microphone inputs with low-noise bias voltage
and programmable preamps
Programmable high-pass filter for ADC
Microphone and Headphone detection
Auxiliary inputs for analogue signals
Sample rates: 8, 11.025, 16, 22.05, 24, 32, 44.1 or 48kHz
System Control
Support for 2-wire or 3-/4-wire Control Interface
Handles power sequencing, reset signals and fault
conditions
Autonomous power source selection (battery, wall adaptor
or USB bus)
Total current drawn from USB bus is limited to comply with
USB 2.0 standard and USB OTG supplement
Supply Generation
1 x DC-DC Buck Converter (0.85V - 3.4V, Up to 1A)
2 x DC-DC Buck Converters (0.85V - 3.4V, Up to 500mA)
1 x DC-DC Boost Converter (5V - 20V, 40 to 200mA)
4 x LDO voltage regulators (0.9V - 3.3V, 150mA)
LED Drivers
Programmable constant-current sink, suitable for screen
backlight or white LED photo flash
3 open-drain outputs for RGB LEDs
Battery Charger
Single-cell Li-Ion / Li-Pol battery charger
Thermal protection for charge control; temperature
monitoring available for thermal regulation
LED outputs to indicate charge status and fault conditions
Additional Features
“Always on” RTC with wake-up alarm
Watchdog timer
Up to 13 configurable GPIO pins
On-chip crystal oscillator and internal RC oscillator
Low power FLL supporting wide range of input clocks
7x7mm, 129 BGA package, 0.5mm ball pitch
APPLICATIONS
Portable Audio and Media players
Portable Navigation Devices
Portable systems powered by single-cell lithium batteries


Similar Part No. - WM8351CGEB/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8350 WOLFSON-WM8350 Datasheet
2Mb / 340P
Wolfson AudioPlus??Stereo CODEC with Power Management
WM8350GEB/RV WOLFSON-WM8350GEB/RV Datasheet
2Mb / 340P
Wolfson AudioPlus??Stereo CODEC with Power Management
WM8350GEB/V WOLFSON-WM8350GEB/V Datasheet
2Mb / 340P
Wolfson AudioPlus??Stereo CODEC with Power Management
WM8352 WOLFSON-WM8352 Datasheet
2Mb / 336P
Wolfson AudioPlus™ Stereo CODEC with Power Management
February 2011, Rev 4.4
WM8352GEB/RV WOLFSON-WM8352GEB/RV Datasheet
2Mb / 336P
Wolfson AudioPlus™ Stereo CODEC with Power Management
February 2011, Rev 4.4
More results

Similar Description - WM8351CGEB/V

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3517 AMSCO-AS3517 Datasheet
227Kb / 3P
Stereo Audio Codec with advanced System Power Management
AS3514 AMSCO-AS3514 Datasheet
65Kb / 3P
Stereo Audio Codec with System Power Management
AS3515 AMSCO-AS3515 Datasheet
164Kb / 3P
Stereo Audio Codec with System Power Management
AS3518 AMSCO-AS3518 Datasheet
417Kb / 3P
Stereo Audio Codec with enhanced System Power Management
logo
Wolfson Microelectronic...
WM8350 WOLFSON-WM8350 Datasheet
2Mb / 340P
Wolfson AudioPlus??Stereo CODEC with Power Management
WM8352 WOLFSON-WM8352 Datasheet
2Mb / 336P
Wolfson AudioPlus™ Stereo CODEC with Power Management
February 2011, Rev 4.4
logo
ams AG
AS3515 AMSCO-AS3515_08 Datasheet
3Mb / 67P
Stereo Audio Codec with System Power Management
AS3517 AMSCO-AS3517_08 Datasheet
4Mb / 94P
Stereo Audio Codec with enhanced System Power Management
logo
Texas Instruments
TLV320AIC3107 TI1-TLV320AIC3107 Datasheet
2Mb / 102P
Low-Power Stereo Codec
logo
TDK Electronics
WM2002 TDK-WM2002 Datasheet
332Kb / 12P
Stereo Headphone Driver with Wolfson
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com