Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8351CGEB/V Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8351CGEB/V
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351CGEB/V Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8351CGEB/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
67
13.4.5
MICROPHONE BIASING
The WM8351 provides a programmable, low-noise bias voltage for condenser electret microphones
on the MICBIAS pin.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Power Mgmt 1
4
MICB_ENA
0
Microphone bias enable
0 = OFF (high impedance output)
1 = ON
This bit can be accessed through R8 or
through R74. Reading from or writing to
either register location has the same effect.
R74 (4Ah)
Mic Bias
Control
15
MICB_ENA
14
MICB_SEL
0
Microphone bias voltage control:
0 = 0.9 * AVDD
1 = 0.75 * AVDD
Note: MICB_ENA can be accessed through R8 or through R74. Reading from or writing to either
register location has the same effect.
Table 23 Controlling the Microphone Bias Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com