Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8351CGEB/V Datasheet(PDF) 86 Page - Wolfson Microelectronics plc

Part # WM8351CGEB/V
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351CGEB/V Datasheet(HTML) 86 Page - Wolfson Microelectronics plc

Back Button WM8351CGEB/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 90Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
86
A beep signal on the IN3R pin (see Table 43) can be mixed into OUT2R independently of the right
output mixer (i.e. without mixing the same beep signal into OUT1R).
Note that this feature is only possible when the inverting path configuration (MIXOUTR to OUT2R) is
selected. See Table 41 for the required register settings.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R111 (6Fh)
Beep
Volume
15
IN3R_TO_O
UT2R
0
Beep mixer enable
0 = disabled
1 = enabled
7:5
IN3R_OUT2R
_VOL [2:0]
000
Beep mixer volume:
000 = -15dB
… in +3dB steps
111 = +6dB
Table 43 Controlling the “Beep” Path (IN3R to OUT2R)
13.9.3
HEADPHONE OUTPUTS EXTERNAL CONNECTIONS
Some example headphone output configurations are shown below.
Figure 46 AC-Coupled Headphone Drive
Figure 47 DC-Coupled (Capless) Mode
Headphone Drive
Figure 48 AC-Coupled Headphone Drive
with Common Mode Noise Rejection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com