Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8351CGEB/V Datasheet(PDF) 94 Page - Wolfson Microelectronics plc

Part # WM8351CGEB/V
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351CGEB/V Datasheet(HTML) 94 Page - Wolfson Microelectronics plc

Back Button WM8351CGEB/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 98Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
94
Right Justified Mode:
SLOT0 and SLOT1 are defined as shown below. The number of BCLK cycles
from the end of SLOT1 to the end of SLOT0 is determined by the selected word length of the
interface of the WM8351.
Figure 56 Right Justified Mode with TDM
I2S Mode:
SLOT0 and SLOT1 are defined as shown below. The number of BCLK cycles from the
start of SLOT0 to the start of SLOT1 is determined by the selected word length of the interface of the
WM8351.
Figure 57 I2S Mode with TDM
DSP/PCM Mode A, Master Mode:
SLOT0 and SLOT1 are defined as shown below. The number of
BCLK cycles from the start of SLOT0 (left) to the start of SLOT1 (left) is determined by the selected
word length of the interface of the WM8351.
Figure 58 DSP/PCM Mode A, Master Mode with TDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com