Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8351CGEB/V Datasheet(PDF) 96 Page - Wolfson Microelectronics plc

Part # WM8351CGEB/V
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351CGEB/V Datasheet(HTML) 96 Page - Wolfson Microelectronics plc

Back Button WM8351CGEB/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 98Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 99Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 100Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
96
13.10.4 LOOPBACK
When the loopback feature is enabled, the audio ADC’s digital output data is looped back to the audio
DAC and converted back into an analogue signal. This is often useful for test and evaluation
purposes.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R113 (71h)
ADC Control
0
LOOPBACK
0
Digital Loopback Function
0 = No loopback.
1 = Loopback enabled, ADC data output is
fed directly into DAC data input.
Table 47 Enabling loopback
13.11 COMPANDING
The WM8351 supports A-law and
-law companding on both transmit (ADC) and receive (DAC)
sides. Companding can be enabled on the DAC or ADC audio interfaces by writing the appropriate
value to the DAC_COMP or ADC_COMP register bits respectively.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R113 (71h)
Companding
Control
4
ADC_COMPM
ODE
0
ADC Companding mode select:
0 = µ-law
1 = A-law
(Note: Setting ADC_COMPMODE=1
selects 8-bit mode when DAC_COMP=0
and ADC_COMP=0)
5
ADC_COMP
0
ADC Companding enable
0 = off
1 = on
6
DAC_COMPM
ODE
0
DAC Companding mode select:
0 = µ-law
1 = A-law
(Note: Setting DAC_COMPMODE=1
selects 8-bit mode when DAC_COMP=0
and ADC_COMP=0)
7
DAC_COMP
0
DAC Companding enable
0 = off
1 = on
Table 49 Companding Control
Companding involves using a piecewise linear approximation of the following equations (as set out by
ITU-T G.711 standard) for data compression:
-law (where =255 for the U.S. and Japan):
F(x) = ln( 1 +
|x|) / ln( 1 + )
-1 ≤ x ≤ 1
law (where A=87.6 for Europe):
F(x) = A|x| / ( 1 + lnA)
 for x ≤ 1/A
F(x) = ( 1 + lnA|x|) / (1 + lnA)
 for 1/A ≤ x ≤ 1
The companded data is also inverted as recommended by the G.711 standard (all 8 bits are inverted
for
-law, all even data bits are inverted for A-law). The data will be transmitted as the first 8 MSBs of
data.
Companding converts 13 bits (
-law) or 12 bits (A-law) to 8 bits using non-linear quantization. This
provides greater precision for low amplitude signals than for high amplitude signals, resulting in a
greater usable dynamic range than 8 bit linear quantization. The companded signal is an 8-bit word
comprising sign (1 bit), exponent (3 bits) and mantissa (4-bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com