Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8351CGEB/V Datasheet(PDF) 98 Page - Wolfson Microelectronics plc

Part # WM8351CGEB/V
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351CGEB/V Datasheet(HTML) 98 Page - Wolfson Microelectronics plc

Back Button WM8351CGEB/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 98Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 99Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 100Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 101Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 102Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
98
13.12 ADDITIONAL CODEC FUNCTIONS
13.12.1 HEADPHONE JACK DETECT
The IN2L and IN2R pins can be selected as headphone jack detect inputs, to enable automatic
control of the analogue outputs when a headphone is plugged into a jack socket.
Jack Detection on the IN2L or IN2R pins is enabled by register bits JDL_ENA or JDR_ENA
respectively. When Jack Detection is enabled, the associated second level interrupts
CODEC_JCK_DET_L_EINT and CODEC_JCK_DET_R_EINT indicate the status of the jack socket.
See Section 13.12.7 for further details.
The Headphone Jack Detect function requires the internal slow clock to be enabled - see
Section 12.3.6.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R77 (4Dh)
Jack Detect
15
JDL_ENA
0
Jack Detect Enable for inputs connected
to IN2L
0 = disabled
1 = enabled
14
JDR_ENA
0
Jack Detect Enable for input connected
to IN2R
0 = disabled
1 = enabled
Table 48 Headphone Jack Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com