Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8351CGEB/V Datasheet(PDF) 77 Page - Wolfson Microelectronics plc

Part # WM8351CGEB/V
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351CGEB/V Datasheet(HTML) 77 Page - Wolfson Microelectronics plc

Back Button WM8351CGEB/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 81Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
77
13.7.4
DAC OUTPUT PHASE AND MONO MIXING
The digital audio data is converted to oversampled bit streams in the on-chip 24-bit digital
interpolation filters. The bitstream data enters two multi-bit, sigma-delta DACs, which convert them to
high quality analogue audio signals. The multi-bit DAC architecture reduces high frequency noise and
sensitivity to clock jitter. It also uses a Dynamic Element Matching technique for high linearity and low
distortion.
In normal operation, the left and right channel digital audio data is converted to analogue in two
separate DACs. It is also possible for the DACs to output a mono mix of left and right channels, using
DAC_MONO. Both DACs must be enabled for this mono mix to function.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R48 (30h) DAC
Control
13
DAC_MONO
0
Adds left and right channel and
halves the resulting output to
create a mono output
1
DACL_DATINV
0
DAC data left channel polarity
0 = Normal
1 = Inverted
0
DACR_DATINV
0
DAC data right channel polarity
0 = Normal
1 = Inverted
Table 35 DAC Mono Mix and Phase Invert Select
13.7.5
DAC STOPBAND ATTENUATION
The DAC digital filter type is selected by the DAC_SB_FILT register bit as shown in Table 36.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R59 (3Bh)
DAC Digital
Control
12
DAC_SB_FILT
0
Selects DAC filter characteristics
0 = Normal mode
1 = Sloping stopband mode
Table 36 DAC Filter Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com