Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8351CGEB/V Datasheet(PDF) 79 Page - Wolfson Microelectronics plc

Part # WM8351CGEB/V
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351CGEB/V Datasheet(HTML) 79 Page - Wolfson Microelectronics plc

Back Button WM8351CGEB/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 83Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
79
13.8.2
OUTPUT MIXERS
The left and right output channel mixers are shown in Figure 43. These mixers allow the AUX inputs,
the ADC bypass and the DAC left and right channels to be combined as desired. This allows a mono
mix of the DAC channels to be done as well as mixing in external line-in from the IN3.
The IN3L/IN3R and PGA inputs have individual volume control from -15dB to +6dB. The DAC channel
volumes can be adjusted in the digital domain if required. The outputs of these mixers are routed to
OUT1L/OUT1R or OUT2L/OUT2R. They can also optionally be routed to the OUT3 and OUT4 mixers.
Figure 43 Output Mixers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com