Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1321 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP1321
Description  Voltage Supervisor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1321 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP1321 Datasheet HTML 19Page - Microchip Technology MCP1321 Datasheet HTML 20Page - Microchip Technology MCP1321 Datasheet HTML 21Page - Microchip Technology MCP1321 Datasheet HTML 22Page - Microchip Technology MCP1321 Datasheet HTML 23Page - Microchip Technology MCP1321 Datasheet HTML 24Page - Microchip Technology MCP1321 Datasheet HTML 25Page - Microchip Technology MCP1321 Datasheet HTML 26Page - Microchip Technology MCP1321 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
 2005-2012 Microchip Technology Inc.
DS21985D-page 23
MCP131X/2X
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin No.
Device
Symbol
Pin
Type
Buffer/
Driver
Type
Function
SOT23-5
1
MCP1316M (1),
MCP1318M (1),
MCP1319M (1),
MCP1320,
MCP1321,
MCP1322
RST
O
Open-Drain Reset Output (active-low)
Goes active (Low) if one of these conditions occurs:
1.
If VDD falls below the selected Reset voltage
threshold.
2.
If the MR pin is forced low.
3.
If the WDI pin does not detect an edge transition
within the minimum selected time-out period.
4.
During power-up.
VDD Falling:
Open-Drain = VDD > VTRIP
L = VDD < VTRIP
VDD Rising:
Open-Drain = VDD > VTRIP + VHYS
L = VDD < VTRIP + VHYS
MCP1316,
MCP1318,
MCP1319
O
Push-Pull
VDD Falling:
H = VDD > VTRIP
L = VDD < VTRIP
VDD Rising:
H = VDD > VTRIP + VHYS
L = VDD < VTRIP + VHYS
MCP1317
RST
O
Push-Pull
Reset Output (active-high)
Goes active (High) if one of these conditions occurs:
1.
If VDD falls below the selected Reset voltage
threshold.
2.
If the MR pin is forced low.
3.
If the WDI pin does not detect an edge transition
within the minimum selected time-out period.
4.
During power-up.
VDD Falling:
H = VDD < VTRIP
L = VDD > VTRIP
VDD Rising:
H = VDD < VTRIP + VHYS
L = VDD > VTRIP + VHYS
2All
VSS
—
P
The ground reference for the device.
Note 1:
Open-Drain output with internal pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com