Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1321 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP1321
Description  Voltage Supervisor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1321 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP1321 Datasheet HTML 31Page - Microchip Technology MCP1321 Datasheet HTML 32Page - Microchip Technology MCP1321 Datasheet HTML 33Page - Microchip Technology MCP1321 Datasheet HTML 34Page - Microchip Technology MCP1321 Datasheet HTML 35Page - Microchip Technology MCP1321 Datasheet HTML 36Page - Microchip Technology MCP1321 Datasheet HTML 37Page - Microchip Technology MCP1321 Datasheet HTML 38Page - Microchip Technology MCP1321 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
 2005-2012 Microchip Technology Inc.
DS21985D-page 35
MCP131X/2X
5.0
APPLICATION INFORMATION
This section shows application-related information that
may be useful for your particular design requirements.
5.1
Supply Monitor Noise Sensitivity
The MCP131X/2X devices are optimized for fast
response to negative-going changes in VDD. Systems
with an inordinate amount of electrical noise on VDD
(such as systems using relays) may require a 0.01 µF
or 0.1 µF bypass capacitor to reduce detection
sensitivity. This capacitor should be installed as close
to the MCP131X/2X as possible to keep the capacitor
lead length short.
FIGURE 5-1:
Typical Application Circuit
with Bypass Capacitor.
5.2
Conventional Voltage Monitoring
Figure 5-2 and Figure 5-3 show the MCP131X/2X in
conventional voltage monitoring applications.
FIGURE 5-2:
Battery Voltage Monitor.
FIGURE 5-3:
Power Good Monitor.
5.3
Using in PIC® Microcontroller,
ICSP™ Applications
Figure 5-4 shows the typical application circuit for using
the MCP132X for a voltage supervisory function when
the PIC® microcontroller will be programmed via the In-
Circuit Serial Programming™ (ICSP™) feature. Addi-
tional information is available in TB087, “Using Voltage
Supervisors with PIC® Microcontroller Systems which
Implement
In-Circuit
Serial
Programming™”
(DS91087).
FIGURE 5-4:
Typical Application Circuit
for PIC® Microcontroller with the ICSP™ Feature.
MCP131X/2X
VDD
RST
VSS
0.1 µF
RST
WDI
MR
VDD
RST
VSS
BATLOW
MCP131X/2X
+
–
–
VDD
RST
VSS
Power Good
MCP131X/2X
+
–
Pwr
Sply
Note:
This operation can only be done using the
device with the Open-Drain RST pin
(MCP1320, MCP1321, and MCP1322).
Devices that have the internal pull-up
resistor are not recommended due to the
current path of the internal pull-up resistor.
Note:
It is recommended that the current into the
RST pin be current limited by a 1 k
resistor.
MCP132X
VDD
VDD/VPP
VDD
RST
MCLR
Reset input)
(Active-Low)
VSS
VSS
PIC®
Microcontroller
RPU
0.1 µF
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com