Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1321 Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP1321
Description  Voltage Supervisor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1321 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP1321 Datasheet HTML 33Page - Microchip Technology MCP1321 Datasheet HTML 34Page - Microchip Technology MCP1321 Datasheet HTML 35Page - Microchip Technology MCP1321 Datasheet HTML 36Page - Microchip Technology MCP1321 Datasheet HTML 37Page - Microchip Technology MCP1321 Datasheet HTML 38Page - Microchip Technology MCP1321 Datasheet HTML 39Page - Microchip Technology MCP1321 Datasheet HTML 40Page - Microchip Technology MCP1321 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
 2005-2012 Microchip Technology Inc.
DS21985D-page 37
MCP131X/2X
5.7
Controllers and Processors With
Bidirectional I/O Pins
Some microcontrollers have bidirectional Reset pins.
Depending on the current drive capability of the
controller pin, an indeterminate logic level may result if
there is a logic conflict. This can be avoided by adding
a 4.7 k
 resistor in series with the output of the
MCP131X/2X
(Figure 5-7).
If
there
are
other
components in the system that require a Reset signal,
they should be buffered so as not to load the Reset line.
If the other components are required to follow the
Reset I/O of the microcontroller, the buffer should be
connected as shown with the solid line.
FIGURE 5-7:
Interfacing the
MCP131X/2X Push-Pull Outputs to a
Bidirectional Reset I/O.
5.8
RESET Signal Integrity During
Power-Down
The MCP131X/2X Reset output is valid to VDD = 1.0V.
Below this 1.0V, the output becomes an "open circuit"
and does not sink or source current. This means
CMOS logic inputs to the microcontroller will be floating
at an undetermined voltage. Most digital systems are
completely shut down well above this voltage.
However, in situations where the Reset signal must be
maintained valid to VDD = 0V, external circuitry is
required.
For devices where the Reset signal is active-low, a pull-
down
resistor
must
be
connected
from
the
MCP131X/2X Reset pin(s) to ground to discharge stray
capacitances and hold the output low (Figure 5-8).
Similarly, for devices where the Reset signal is active-
high, a pull-up resistor to VDD is required to ensure a
valid high Reset signal for VDD below 1.0V.
This resistor value, though not critical, should be
chosen such that it does not appreciably load the Reset
pin(s) under normal operation (100 k
 will be suitable
for most applications).
FIGURE 5-8:
Ensuring a Valid Active-low
Reset Pin Output State as VDD Approaches 0V.
MCP13XX
VDD
RST
GND
MCLR
GND
Buffered Reset
To Other System
Components
MCU
4.7 k
Buffer
PIC®
MCP13XX
V
DD
V
DD
R1
100 k
RST
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com