Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1321 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1321
Description  Voltage Supervisor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1321 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1321 Datasheet HTML 6Page - Microchip Technology MCP1321 Datasheet HTML 7Page - Microchip Technology MCP1321 Datasheet HTML 8Page - Microchip Technology MCP1321 Datasheet HTML 9Page - Microchip Technology MCP1321 Datasheet HTML 10Page - Microchip Technology MCP1321 Datasheet HTML 11Page - Microchip Technology MCP1321 Datasheet HTML 12Page - Microchip Technology MCP1321 Datasheet HTML 13Page - Microchip Technology MCP1321 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
MCP131X/2X
DS21985D-page 10
 2005-2012 Microchip Technology Inc.
FIGURE 1-2:
MR and Reset Pin Waveforms.
TABLE 1-2:
MR AND RESET PIN TIMINGS
FIGURE 1-3:
WDI and Reset Pin Waveforms.
TABLE 1-3:
WDI AND RESET PIN TIMINGS
Electrical Specifications: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 k
(only MCP1320, MCP1321, and MCP1322), TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
MR Pulse Width
tMR
1—
—
µs
MR Active to RST/RST Active
tMRD
—
235
—
ns
VDD = 5.0V
MR Input Noise filter
tNF
—
150
—
ns
VDD = 5.0V
Note 1:
These parameters are for design guidance only and are not 100% tested.
Electrical Specifications: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 k
(only MCP1320, MCP1321, and MCP1322), TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
WDI Pulse Width
tWP
50
—
—
ns
Watchdog Time-Out Period
tWD
4.3
6.3
9.3
ms
Note 1
71
102
153
ms
Note 1
1.12
1.6
2.4
sec
Standard Time Out
17.9
25.6
38.4
sec
Note 1
Note 1:
Custom ordered WatchDog Timer time out; minimum order volume requirement.
MR
RST
tRST
tMR
RST
tMRD
tNF
RST
RST
WDI (Note 1)
tWP
tWD
tWD
tRST
Note 1: The WDI pin was a weak pull-up resistor which is disabled after the 1st falling edge on the WDI pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com