Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1321 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP1321
Description  Voltage Supervisor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1321 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP1321 Datasheet HTML 29Page - Microchip Technology MCP1321 Datasheet HTML 30Page - Microchip Technology MCP1321 Datasheet HTML 31Page - Microchip Technology MCP1321 Datasheet HTML 32Page - Microchip Technology MCP1321 Datasheet HTML 33Page - Microchip Technology MCP1321 Datasheet HTML 34Page - Microchip Technology MCP1321 Datasheet HTML 35Page - Microchip Technology MCP1321 Datasheet HTML 36Page - Microchip Technology MCP1321 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
 2005-2012 Microchip Technology Inc.
DS21985D-page 33
MCP131X/2X
4.3
Negative Going VDD Transients
The minimum pulse width (time) required to cause a
Reset
may
be
an
important
criteria
in
the
implementation of a Power-on Reset (POR) circuit.
This time is referred to as transient duration. The
MCP131X/2X devices are designed to reject a level of
negative-going transients (glitches) on the power
supply line.
Transient duration is the amount of time needed for
these supervisory devices to respond to a drop in VDD.
The transient duration time (tTRAN) is dependant on the
magnitude of VTRIP – VDD (overdrive). Any combination
of
duration
and
overdrive
that
lies
under
the
duration/overdrive curve will not generate a Reset
signal. Generally speaking, the transient duration time
decreases with, and increases in, the VTRIP –VDD
voltage. Combinations of duration and overdrive that lie
above the duration/overdrive curve are detected as a
brown-out or power-down condition.
Figure 4-16 shows a typical transient duration versus
Reset
comparator
overdrive,
for
which
the
MCP131X/2X will not generate a Reset pulse. It shows
that the farther below the trip point the transient pulse
goes, the duration of the pulse required to cause a
Reset gets shorter. Figure 4-16 shows the transient
response characteristics for the MCP131X/2X.
Transient immunity can be improved by adding a
bypass capacitor (typically 0.1 µF) as close as possible
to the VDD pin of the MCP131X/2X device.
FIGURE 4-16:
Example of Typical
Transient Duration Waveform.
4.4
Manual Reset Input
The Manual Reset input pin (MR) allows the Reset pins
(RST/RST) to be manually forced to their active states.
The MR pin has circuitry to filter noise pulses that may
be present on the pin. Figure 4-17 shows a block
diagram for using the MCP131X/2X with a push-button
switch. To minimize the required external components,
the MR input has an internal pull-up resistor.
A mechanical push button or active logic signal can
drive the MR input.
Once MR has been low for a time, tMRD (the Manual
Reset delay time), the Reset output pins are forced
active. The Reset output pins will remain in their active
states for the Reset delay timer time-out period (t
R
ST).
Figure 4-18 shows a waveform for the Manual Reset
switch input and the Reset pins output.
FIGURE 4-17:
Push Button Reset and
Watchdog Timer.
FIGURE 4-18:
MR Input – Push Button.
4.4.1
NOISE FILTER
The noise filter filters out noise spikes (glitches) on the
Manual Reset pin (MR). Noise spikes less than 100 ns
(typical) are filtered.
Time (µs)
0V
5V
VTRIP(MIN) - VDD
tTRANS
VTRIP(MAX)
VTRIP(MIN)
(Overdrive)
(Duration)
VDD
MR
VSS
RST
WDI
I/O
MCLR
+5V
MCP13XX
PIC® MCU
RST
VIL
tMR
RST
tMRD
VIH
tRST
MR
The MR input typically ignores input pulses
of 100 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com