Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1321 Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP1321
Description  Voltage Supervisor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1321 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP1321 Datasheet HTML 43Page - Microchip Technology MCP1321 Datasheet HTML 44Page - Microchip Technology MCP1321 Datasheet HTML 45Page - Microchip Technology MCP1321 Datasheet HTML 46Page - Microchip Technology MCP1321 Datasheet HTML 47Page - Microchip Technology MCP1321 Datasheet HTML 48Page - Microchip Technology MCP1321 Datasheet HTML 49Page - Microchip Technology MCP1321 Datasheet HTML 50Page - Microchip Technology MCP1321 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
 2005-2012 Microchip Technology Inc.
DS21985D-page 47
MCP131X/2X
APPENDIX A:
REVISION HISTORY
Revision D (August 2012)
The following is the list of modifications:
1.
Updated Figure 2-22 and Figure 2-23.
Revision C (February 2012)
The following is the list of modifications:
1.
Updated
package
temperature
in
the
Temperature Characteristics table.
2.
Corrected text in Section 4.0, Operational
Description.
3.
Updated package specification in Section 8.0,
Packaging Information to show all drawings
available.
4.
Other minor typographical corrections.
Revision B (October 2007)
The following is the list of modifications:
1.
Clarified that devices with a Voltage Trip Point
 2.4V are tested from -40
C to + 85C. Devices
with a Voltage Trip Point
 2.5V are tested from
-40
C to +125C.
Revision A (November 2005)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com