Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1321 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1321
Description  Voltage Supervisor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1321 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1321 Datasheet HTML 11Page - Microchip Technology MCP1321 Datasheet HTML 12Page - Microchip Technology MCP1321 Datasheet HTML 13Page - Microchip Technology MCP1321 Datasheet HTML 14Page - Microchip Technology MCP1321 Datasheet HTML 15Page - Microchip Technology MCP1321 Datasheet HTML 16Page - Microchip Technology MCP1321 Datasheet HTML 17Page - Microchip Technology MCP1321 Datasheet HTML 18Page - Microchip Technology MCP1321 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
 2005-2012 Microchip Technology Inc.
DS21985D-page 15
MCP131X/2X
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 k (only MCP1316;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-10:
IDD vs. VDD (Reset Power-
up Timer Inactive and Watchdog Timer Inactive)
(MCP1318M-4.6).
FIGURE 2-11:
IDD vs. VDD (Reset Power-
up Timer Inactive and Watchdog Timer Inactive)
(MCP1319-2.9).
FIGURE 2-12:
IDD vs. VDD (Reset Power-
up Timer Inactive and Watchdog Timer Inactive)
(MCP1316-2.0).
FIGURE 2-13:
IDD vs. VDD (Reset Power-
up Timer Active or Watchdog Timer Active)
(MCP1318M-4.6).
FIGURE 2-14:
IDD vs. VDD (Reset Power-
up Timer Active or Watchdog Timer Active)
(MCP1319-2.9).
FIGURE 2-15:
IDD vs. VDD (Reset Power-
up Timer Active or Watchdog Timer Active)
(MCP1316-2.0).
0
0.2
0.4
0.6
0.8
1
1.2
0.0
2.0
4.0
6.0
V
DD (V)
-45°C
+25°C
+90°C
+130°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.0
2.0
4.0
6.0
V
DD (V)
-45°C
+25°C
+90°C
+130°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0.0
2.0
4.0
6.0
V
DD (V)
-45°C
+25°C
+90°C
+130°C
0
1
2
3
4
5
6
4.6
4.8
5.0
5.2
5.4
5.6
V
DD (V)
-45°C
+25°C
+90°C
+130°C
0
1
2
3
4
5
6
0.0
2.0
4.0
6.0
V
DD (V)
-45°C
+25°C
+90°C
+130°C
0
1
2
3
4
5
6
7
2.0
3.0
4.0
5.0
6.0
V
DD (V)
-45°C
+25°C
+90°C
+130°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com