Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1321 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP1321
Description  Voltage Supervisor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1321 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP1321 Datasheet HTML 28Page - Microchip Technology MCP1321 Datasheet HTML 29Page - Microchip Technology MCP1321 Datasheet HTML 30Page - Microchip Technology MCP1321 Datasheet HTML 31Page - Microchip Technology MCP1321 Datasheet HTML 32Page - Microchip Technology MCP1321 Datasheet HTML 33Page - Microchip Technology MCP1321 Datasheet HTML 34Page - Microchip Technology MCP1321 Datasheet HTML 35Page - Microchip Technology MCP1321 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
MCP131X/2X
DS21985D-page 32
 2005-2012 Microchip Technology Inc.
4.2
Reset Delay Timer (tRST)
The Reset delay timer ensures that the MCP131X/2X
device will “hold” the embedded system in Reset until
the system voltage has stabilized. There are several
time-out options to better meet the requirements of
different applications. These Reset delay timer time-
outs are shown in Table 4-2. The Standard offering
time-out is typically 200 ms.
The Reset delay timer (tRST) starts after the device volt-
age rises above the “actual” trip point (VTRIP) plus the
hysteresis (VHYS). When the Reset delay timer times-
out, the Reset output pin (RST/RST) is driven inactive.
TABLE 4-2:
RESET DELAY TIMER
TIME OUTS (1)
Figure 4-15 illustrates when the Reset delay timer
(tRST) is active or inactive.
FIGURE 4-15:
Reset Power-up Timer
Waveform.
4.2.1
EFFECT OF TEMPERATURE ON
RESET POWER-UP TIMER (TRPU)
The
Reset
delay
timer
time-out
period
(tRST)
determines how long the device remains in the Reset
condition. This time-out is affected by both the device
VDD and temperature. Typical responses for different
VDD values and temperatures are shown in Figures 2-
33, 2-32 and 2-31.
Note:
While the Reset delay timer (tRST) is
active, additional system current is con-
sumed.
tRST
Units
Min
Typ
Max
1.0
1.4
2.0
ms
20
30
40
ms
140
200
280
ms
1120
1.6
2.24
sec

This is the
minimum time that
the Reset delay
timer will “hold” the
Reset pin active
after VDD rises
above
VTRIP + VHYS
This is the
maximum time
that the Reset
delay timer will
“hold” the Reset
pin active after
VDD rises above
VTRIP + VHYS
Note 1:
Shaded rows are custom ordered time
outs.
VTRIP
VDD
RST
tRST
Reset Delay
Timer Inactive
Reset
Delay
Timer
Inactive
See Figures 2-12,
2-10 and 2-11
See Figures 2-15,
2-14 and 2-13
See Figures 2-12,
2-10 and 2-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com