Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1321 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP1321
Description  Voltage Supervisor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1321 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP1321 Datasheet HTML 35Page - Microchip Technology MCP1321 Datasheet HTML 36Page - Microchip Technology MCP1321 Datasheet HTML 37Page - Microchip Technology MCP1321 Datasheet HTML 38Page - Microchip Technology MCP1321 Datasheet HTML 39Page - Microchip Technology MCP1321 Datasheet HTML 40Page - Microchip Technology MCP1321 Datasheet HTML 41Page - Microchip Technology MCP1321 Datasheet HTML 42Page - Microchip Technology MCP1321 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
 2005-2012 Microchip Technology Inc.
DS21985D-page 39
MCP131X/2X
6.0
STANDARD DEVICE
OFFERINGS
Table 6-1 shows the standard devices that are
available and their respective configuration. The
configuration includes:
• Voltage Trip Point (VTRIP)
• Reset Time Out (tRST)
• Watchdog Time Out (tWDT)
Table 6-1 also shows the order number for that given
device configuration.
6.1
Custom Configurations
Table 6-2 shows the codes that specify the desired
Reset time out (tRST) and Watchdog Timer time-out
(tWDT) for custom devices.
The voltage trip point (VTRIP) is specified by the two
digits of the desired typical trip point voltage. As an
example, if the desired VTRIP selection has a typical
VTRIP of 2.7V, the code is 27.
TABLE 6-1:
STANDARD VERSIONS
TABLE 6-2:
DELAY TIME-OUT ORDERING CODES
Device
Reset
Threshold (V)
Reset Time Out (ms)
Watchdog Time Out (s)
Minimum
Typical
Minimum
Typical
Order Number
MCP1316
2.90
140
200
1.12
1.6
MCP1316T-29LE/OT
MCP1316
4.60
140
200
1.12
1.6
MCP1316T-46LE/OT
MCP1316M
2.90
140
200
1.12
1.6
MCP1316MT-29LE/OT
MCP1316M
4.60
140
200
1.12
1.6
MCP1316MT-46LE/OT
MCP1317
2.90
140
200
1.12
1.6
MCP1317T-29LE/OT
MCP1317
4.60
140
200
1.12
1.6
MCP1317T-46LE/OT
MCP1318
2.90
140
200
1.12
1.6
MCP1318T-29LE/OT
MCP1318
4.60
140
200
1.12
1.6
MCP1318T-46LE/OT
MCP1318M
2.90
140
200
1.12
1.6
MCP1318MT-29LE/OT
MCP1318M
4.60
140
200
1.12
1.6
MCP1318MT-46LE/OT
MCP1319
2.90
140
200
—
—
MCP1319T-29LE/OT
MCP1319
4.60
140
200
—
—
MCP1319T-46LE/OT
MCP1319M
2.90
140
200
—
—
MCP1319MT-29LE/OT
MCP1319M
4.60
140
200
—
—
MCP1319MT-46LE/OT
MCP1320
2.90
140
200
1.12
1.6
MCP1320T-29LE/OT
MCP1320
4.60
140
200
1.12
1.6
MCP1320T-46LE/OT
MCP1321
2.90
140
200
1.12
1.6
MCP1321T-29LE/OT
MCP1321
4.60
140
200
1.12
1.6
MCP1321T-46LE/OT
MCP1322
2.90
140
200
—
—
MCP1322T-29LE/OT
MCP1322
4.60
140
200
—
—
MCP1322T-46LE/OT
Typical Delay Time (ms)
Typical Delay Time (ms)
Code
Reset
WDT
Comment
Code
Reset
WDT
Comment
A
1.6
6.3
Note 1
J
200.0
6.3
Note 1
B
1.6
102.0
Note 1
K
200.0
102.0
Note 1
C
1.6
1600.0
Note 1
L
200.0
1600.0
Delay timings for standard
device offerings
D
1.6
25600.0
Note 1
M
200.0
25600.0
Note 1
E
30.0
6.3
Note 1
N
1600.0
6.3
Note 1
F
30.0
102.0
Note 1
P
1600.0
102.0
Note 1
G
30.0
1600.0
Note 1
Q
1600.0
1600.0
Note 1
H
30.0
25600.0
Note 1
R
1600.0
25600.0
Note 1
Note 1:
This delay timing combination is not the standard offering. For information on ordering devices with these
delay times, contact your local Microchip sales office. Minimum purchase volumes are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com