Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF18BE471RB5RB Datasheet(PDF) 46 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 46 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 103 page
background image
–20
100
Ambient Temperature (°C)
0
20406080
200
300
0
Trip current
Hold current
Protective threshold current
c Protective Threshold Current Range (56V Series)
PTGL07AR220M3P51B0
–20
Ambient Temperature (°C)
0
20406080
0
Trip current
Hold current
Protective threshold current
100
200
300
400
500
PTGL07AR8R2M3P51B0
–20
Ambient Temperature (°C)
0
20406080
0
Trip current
Hold current
Protective threshold current
100
200
300
400
500
PTGL09AR150M3B51B0
–20
Ambient Temperature (°C)
0
20406080
0
Trip current
Hold current
Protective threshold current
800
600
400
200
PTGL10AR3R9M3P51B0
–20
Ambient Temperature (°C)
0
20406080
0
Trip current
Hold current
Protective threshold current
800
600
400
200
PTGL09AR4R7M3B51B0
–20
Ambient Temperature (°C)
0
20406080
0
Trip current
Hold current
Protective threshold current
1000
800
600
400
200
PTGL10AR3R9M3B51B0
–20
Ambient Temperature (°C)
0
20406080
0
Trip current
Hold current
Protective threshold current
1500
1000
500
PTGL14AR3R3M3B71B0
R90E.pdf
Sep.24,2012
44
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com