Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF18BE471RB5RB Datasheet(PDF) 24 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 24 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 103 page
background image
POSISTOR
r for Circuit Protection
Overcurrent Protection Narrow Current Band 30V Series
This product is a leaded type PTC thermistor
for overcurrent protection which is suitable for
a current limiting resistor.
c Features
1. Small fluctuation in the circuit due to resistance
tolerance +/-10%
2. Narrow current range (less than twice) between
operating and non-operating current at -10 to
60 degrees C.
3. Quick operating time due to small size compared
with conventional products.
4. Best suited to meet the requirements for power
supplies and motor protection. Error-free operations
are assured by rush current.
5. Circuit is protected until current is turned off.
6. Restores the original low resistance value
automatically once the overload is removed.
7. Non-contact design leads to long life and no noise.
Durable and strong against mechanical vibration
and shock because it is a solid element.
F±1.5
ød±0.05
D max.
T max.
(in mm)
Part Number
Max.
Voltage
(V)
Hold Current
(at +60°C)
(mA)
Hold Current
(at +25°C)
(mA)
Trip Current
(at +25°C)
(mA)
Trip Current
(at -10°C)
(mA)
Max.
Current
(A)
Resistance
(at +25°C)
(ohm)
Body
Diameter
(D) (mm)
Thickness
(T)
(mm)
Height
(H)
(mm)
Lead
Space
(F) (mm)
Lead
Diameter
(phi d) (mm)
PTGL04AS100K2N51B0
30
122
154
205
240
1.5
10 ±10%
4.5
3.5
9.5
5.0
0.5
PTGL04AS100K2B51B0
30
167
212
282
330
2.0
10 ±10%
4.5
3.5
9.5
5.0
0.6
PTGL05AS3R9K2B51B0
30
269
340
452
530
3.5
3.9 ±10%
5.5
3.5
10.5
5.0
0.6
PTGL07AS2R7K2B51B0
30
336
425
565
663
4.5
2.7 ±10%
7.3
3.5
12.3
5.0
0.6
PTGL07AS1R8K2B51B0
30
420
532
708
829
5.0
1.8 ±10%
7.3
3.5
12.3
5.0
0.6
PTGL09AS1R2K2B51B0
30
556
704
936
1097
6.0
1.2 ±10%
9.3
3.5
14.3
5.0
0.6
PTGL12AS0R8K2B51B0
30
685
867
1153
1352
7.0
0.8 ±10%
11.5
3.5
16.5
5.0
0.6
Maximum Current shows typical capacities of the transformer which can be used.
30V Series is recognized by UL.
Taping type is also available. Please refer to the page of "Package" information for details.
0
40
80
120
160
200
240
280
-20
0
20
40
60
80
Ambient Temperature (°C)
Trip current
Hold current
Protective threshold
current
c Protective Threshold Current Range
PTGL04AS100K2N51B0
0
100
200
300
400
-20
0
20
40
60
80
Ambient Temperature (°C)
Trip current
Hold current
current
Protective threshold
PTGL04AS100K2B51B0
Continued on the following page.
R90E.pdf
Sep.24,2012
22
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com