Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF18BE471RB5RB Datasheet(PDF) 94 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 94 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 90Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 91Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 92Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 93Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 94Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 95Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 96Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 97Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 98Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 103 page
background image
!Caution/Notice
(2) Drying
After cleaning, promptly dry this product.
To remove the flux after soldering, observe the following
points in order to avoid deterioration of the characteristics
or any change to the external electrodes quality.
(1) Cleaning Conditions
2-propanol
Less than 5 minutes
at room temp.
or
Less than 2 minutes
at 40˚C max.
Less than 1 minute
20W/L Frequency
of several 10kHz
to 100kHz.
Solvent
Dipping Cleaning
Ultrasonic Cleaning
A sufficient cleaning should be applied to remove flux completely.
(1) Printing Conditions of Solder Paste
(a) Standard thickness of solder paste printing should
be from 0.10 to 0.15 mm.
(b) After soldering, the solder fillet should be a height
from 0.15 mm to the thickness of this product (see the
figure at right).
(c) Too much solder gives too strong mechanical stress
to this product. Such stress may cause cracking or
other mechanical damage. Also, it can destroy the
electrical performance of this product.
In your mounting process, observe the following points in
order to avoid deterioration of the characteristics or
destruction of this product. The mounting quality of this
product may also be affected by the mounting conditions,
shown in the points below.
This product is for reflow soldering only. Flow soldering
should not be allowed.
0.15mm
V T V E
T
Solder
Solder
Electrode
1. Solder and Flux
2. Cleaning Conditions and Drying
3. Soldering Conditions
(1) Solder Paste
Use solder paste Sn:Pb=63:37wt%.
For your reference, we are using
63Sn/37Pb RMA9086 90-3-M18,
manufactured by Alpha Metals Japan Ltd.
96.5Sn/3.0Ag/0.5Cu M705-GRN360-K2-V,
manufactured by Senju Metal Industry Co., LTD for any
Internal tests of this product.
(2) Flux
Use rosin type flux in soldering process.
If below flux is used, some problems might be caused
in the product characteristics and reliability.
Please do not use below flux.
0.2wt%).
(*Water-soluble flux can be defined as non rosin type
flux including wash-type flux and non-wash-type flux.)
E
Continued on the following page.
c Notice (Soldering and Mounting) PRF15_103R Series
R90E.pdf
Sep.24,2012
92
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com