Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF18BE471RB5RB Datasheet(PDF) 59 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 59 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 103 page
background image
Continued from the preceding page.
Part Number
Max.
Voltage
(V)
Hold Current
(at +60°C)
(mA)
Hold Current
(at +25°C)
(mA)
Trip Current
(at +25°C)
(mA)
Trip Current
(at -10°C)
(mA)
Max.
Current
(A)
Resistance
(at +25°C)
(ohm)
Body
Diameter
(D) (mm)
Thickness
(T)
(mm)
Lead
Space
(F) (mm)
Lead
Diameter
(phi d) (mm)
PTGL09AR390M9C61B0
265
100
130
210
240
1.2
39 ±20%
10.0
6.5
6.5
0.65
PTGL09AR250H8B52B0
265
118
150
290
330
1.0
25 ±25%
10.0
6.0
5.0
0.6
PTGL12AR270M9C01B0
265
150
200
310
360
1.5
27 ±20%
14.0
6.5
10.0
0.65
PTGL12AR150H8B72B0
265
165
210
400
460
1.5
15 ±25%
12.5
6.0
7.5
0.6
PTGL14AR180M9C01B0
265
180
230
380
440
1.8
18 ±20%
15.7
6.5
10.0
0.65
PTGL13AR100H8B72B0
265
200
260
480
560
2.2
10 ±25%
14.0
6.0
7.5
0.6
PTGL18AR6R0H8B72B0
265
300
380
715
830
4.1
6.0 ±25%
18.5
6.0
7.5
0.6
–20
0
204060
Ambient Temperature (°C)
0
50
100
150
200
250
300
350
400
Hold current
Protective threshold current
Trip current
80
c Protective Threshold Current Range (250V Series)
PTGL07BB220N0B52A0
100
20
300
400
200
Ambient Temperature (°C)
0
–20
0
40
60
80
Protective threshold current
Hold current
Trip current
PTGL10BB120N0P52A0
–20
Ambient Temperature (°C)
0
20406080
0
Trip current
Hold current
Protective threshold current
400
300
200
100
PTGL09AR390N0B52A0
20
20
80
60
40
Ambient Temperature (°C)
0
–20
0
40
60
Trip current
Protective threshold current
Hold current
c Protective Threshold Current Range (265V Series)
PTGL05AR151H8P52B0
20
20
120
80
Ambient Temperature (°C)
0
–20
0
40
60
Trip current
Protective threshold current
Hold current
80
40
60
100
PTGL05AR181M9N51B0
Continued on the following page.
Maximum Current shows typical capacities of the transformer which can be used.
250/265V Series are recognized by UL.
Only PTGL_52B0 type is available in taping type. Please refer to the page of "Package" information for details.
R90E.pdf
Sep.24,2012
57
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com