Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF18BE471RB5RB Datasheet(PDF) 23 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 23 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 103 page
background image
Chip Type Specifications and Test Methods
(*) The resistance measurement after the test.
After leaving for 24 hours or more in 25±2°C, it measures by 4 wire measuring methods using the direct-current terminal current of 10mA or less (0.1 or
less Vdcs).
Above mentioned soldering in "4. Adhesive Strength" and "5. Vibration" is done under the following conditions at our site.
#Glass-Epoxy PC board
#Standard land dimension
#Standard solder paste
#Standard solder profile
Above conditions are mentioned in Notice.
60±3°C (in air), PTC is applied maximum operating voltage for
1.5 hrs. on and 0.5 hrs. off. This cycle is repeated for 500±10 hrs.
12
High Temperature Load
JIS C 5102 term 9.3
Times: 5 cycles
11
Temperature Cycling
60±2°C, 90-95%RH leave for 500±4 hrs.
10
Damp Heat
-10±3°C leave for 1000±12 hrs.
9
Cold
60±3°C leave for 1000±12 hrs.
8
Dry Heat
Normal appearance
Resistance change: not to exceed ±20% (*)
Solder: Sn-3Ag-0.5Cu
Flax: Solder paste containing less than 0.2wt% of chlorine.
Preheating: 150±5°C 3 mins.
Peak temp.: 260±5°C 10±5 secs. (reflow)
PCB: Glass Epoxy PCB (JIS C 6484)
7
Soldering Heat Resistance
Normal appearance
Resistance change: not to exceed ±20% (*)
JIS C 5102 term 8.4
Solder: Sn-3Ag-0.5Cu
Solder temp: 245±5°C
Soaking time: 3±0.5 secs.
Soaking position: Until a whole electrode is soaked.
6
Solderability
Min. 75% electrode is covered with new solder.
Resistance change: not to exceed ±20% (*)
JIS C 5102 term 8.2
Soldered PTC to PCB
Vibration: A 10-55-10Hz (1 min.)
Width: 1.5mm
Vibrate for 2 hrs. in each of 3 mutually perpendicular planes for
a total of 6 hrs.
5
Vibration
Normal appearance
Resistance change: not to exceed ±20% (*)
EIAJ ET-7403 term 9
Soldered PTC to PCB and add a force of 5.0N in the direction
as shown below.
4
Adhesive Strength
There is no sign of exfoliation on electrode.
We apply 120% of the maximum operating voltage to PTC by
raising gradually for 180±5 secs. at 25°C. (A protective resistor
is to be connected in series, and the inrush current through
PTC must be limited below maximum rated value.)
3
Withstanding Voltage
Without damage
After leaving for 24 hrs. or more in 25°C, it measures by 4 wire
measuring methods using the direct-current terminal current of
10mA or less (0.1 or less Vdcs).
2
Resistance Value (at 25°C)
The resistance value should be within the specified
tolerance.
Temperature range with maximum voltage applied to PTC.
1
Operating Temp.
-10 to 60°C
Step
Temp. (°C)
-20 +0, -3
Room temp.
+85 +3, -0
Room temp.
Time (min.)
30
10-15
30
10-15
1
2
3
4
Glass Epoxy PCB
F=5.0N
F
F
PTC
c PRG18/21BC Series
No.
Method of Examination
Rating Value
Item
R90E.pdf
Sep.24,2012
21
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com