Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF18BE471RB5RB Datasheet(PDF) 32 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 32 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 103 page
background image
POSISTOR
r for Circuit Protection
Overcurrent Protection Narrow Current Band 140V Series
This product is a leaded type PTC thermistor
for overcurrent protection which is suitable for
a current limiting resistor.
c Features
1. Small fluctuation in the circuit due to resistance
tolerance +/-10%
2. Narrow current range (less than twice) between
operating and non-operating current at -10 to
60 degrees C.
3. Quick operating time due to small size compared
with conventional products.
4. Best suited to meet the requirements for power
supplies and motor protection. Error-free operations
are assured by rush current.
5. Circuit is protected until current is turned off.
6. Restores the original low resistance value
automatically once the overload is removed.
7. Non-contact design leads to long life and no noise.
Durable and strong against mechanical vibration
and shock because it is a solid element.
F±1.5
ød±0.05
D max.
T max.
(in mm)
Part Number
Max.
Voltage
(V)
Hold Current
(at +60°C)
(mA)
Hold Current
(at +25°C)
(mA)
Trip Current
(at +25°C)
(mA)
Trip Current
(at -10°C)
(mA)
Max.
Current
(A)
Resistance
(at +25°C)
(ohm)
Body
Diameter
(D) (mm)
Thickness
(T)
(mm)
Height
(H)
(mm)
Lead
Space
(F) (mm)
Lead
Diameter
(phi d) (mm)
PTGL04AS560K6B51B0
140
74
94
125
147
0.5
56 ±10%
4.5
4.5
9.5
5.0
0.6
PTGL05AS270K6B51B0
140
106
134
178
209
1.0
27 ±10%
5.5
4.5
10.5
5.0
0.6
PTGL07AS150K6B51B0
140
148
187
249
292
1.5
15 ±10%
7.3
4.5
12.3
5.0
0.6
PTGL09AS120K6B51B0
140
192
244
324
380
2.0
12 ±10%
9.3
4.5
14.3
5.0
0.6
PTGL09AS7R6K6B51B0
140
227
287
382
447
2.2
7.6 ±10%
9.3
4.5
14.3
5.0
0.6
PTGL12AS4R7K6B51B0
140
310
393
523
613
3.5
4.7 ±10%
11.5
4.5
16.5
5.0
0.6
Maximum Current shows typical capacities of the transformer which can be used.
140V Series is recognized by UL.
Taping type is also available. Please refer to the page of "Package" information for details.
0
40
80
120
160
-20
0
20
40
60
80
Ambient Temperature (°C)
Trip current
Hold current
Protective threshold
current
c Protective Threshold Current Range
PTGL04AS560K6B51B0
0
40
80
120
160
200
240
-20
0
20
40
60
80
Ambient Temperature (°C)
Trip current
Hold current
Protective threshold
current
PTGL05AS270K6B51B0
Continued on the following page.
R90E.pdf
Sep.24,2012
30
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com