Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF18BE471RB5RB Datasheet(PDF) 14 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 14 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 103 page
background image
R90E.pdf
Sep.24,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
12
Type
Part Number
Max.
Voltage
(V)
Max.
Current
(A)
Hold Current
(at +60 °C)
(mA)
Trip Current
(at -10 °C)
(mA)
Resistance
(at +25 °C)
(ohm)
Curie Point
(°C) *
More
Details
PTGL04AS100K2N51B0
PTGL04AS100K2B51B0
PTGL05AS3R9K2B51B0
PTGL07AS2R7K2B51B0
PTGL07AS1R8K2B51B0
PTGL09AS1R2K2B51B0
PTGL12AS0R8K2B51B0
PTGL04AS100K3B51B0
PTGL05AS6R8K3B51B0
PTGL07AS3R3K3B51B0
PTGL09AS2R2K3B51B0
PTGL12AS1R2K3B51B0
PTGL07AR220M3P51B0
PTGL07AR8R2M3P51B0
PTGL09AR150M3B51B0
PTGL10AR3R9M3P51B0
PTGL09AR4R7M3B51B0
PTGL10AR3R9M3B51B0
PTGL14AR3R3M3B71B0
SMD
type
Lead
type
30
30
30
30
30
30
30
51
51
51
51
51
56
56
56
56
56
56
56
1.5
2.0
3.5
4.5
5.0
6.0
7.0
1.0
1.5
3.0
4.0
5.0
1.0
1.0
1.2
2.0
2.0
2.0
2.5
122
167
269
336
420
556
685
168
197
307
412
592
90
130
150
210
270
300
380
240
330
530
663
829
1097
1352
332
388
606
814
1168
240
350
400
550
700
800
980
10 ±10%
10 ±10%
3.9 ±10%
2.7 ±10%
1.8 ±10%
1.2 ±10%
0.8 ±10%
10 ±10%
6.8 ±10%
3.3 ±10%
2.2 ±10%
1.2 ±10%
22 ±20%
8.2 ±20%
15 ±20%
3.9 ±20%
4.7 ±20%
3.9 ±20%
3.3 ±20%
130
130
130
130
130
130
130
130
130
130
130
130
120
120
120
120
120
120
120
page 22
page 22
page 22
page 22
page 22
page 22
page 22
page 25
page 25
page 25
page 25
page 25
page 43
page 43
page 43
page 43
page 43
page 43
page 43
* Curie Point means the temperature at which the resistance value reaches twice the resistance at 25°C.
Please ask for details.
c Overheat/Overcurrent Protection for High Brightness LED
Leaded POSISTOR
r: PTGL series & Chip POSISTORr: PRG series
1. Applications
2. Benefits
Choose an appropriate part number having max. voltage
and resistance value. Review the protective threshold
current range based on the operating current and
temperature of the LED.
3. Recommended part numbers
a) Overcurrent
b) Overheat
Resistance up !!
Heat up by
overcurrent !
Resistance up !!
Heat up by
overheat situation !
Application Notes
POSISTOR
r is an effective solution to protect the LED against overheat and overcurrent situation.
(1) LED lighting instruments (Appliances, Automotive etc.)
(1) Posistor installed in series with LED provides both
overheat and overcurrent protection
(2) No additional driver IC or software required
(3) Automatic reset from protective trip mode
(4) 0603 and 0805 SMD type available (smaller than
1/2W or 1W chip resistor)
PRG21BC0R2MM1RA
6
10
500
2000
0.2 ±20%
90
page 14
PRG21BC4R7MM1RA
30
5.0
100
400
4.7 ±20%
90
page 14
PRG21BC6R8MM1RA
30
3.5
80
320
6.8 ±20%
90
page 14
PRG21BC1R0MM1RA
12
10
220
850
1.0 ±20%
90
page 14
PRG21BC2R2MM1RA
16
6.5
150
600
2.2 ±20%
90
page 14
PRG21BC3R3MM1RA
20
6.0
120
480
3.3 ±20%
90
page 14
PRG21BC0R6MM1RA
6
10
285
1100
0.6 ±20%
90
page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com