Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF18BE471RB5RB Datasheet(PDF) 27 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 27 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 103 page
background image
POSISTOR
r for Circuit Protection
Overcurrent Protection Narrow Current Band 51/60V Series
This product is a leaded type PTC thermistor
for overcurrent protection which is suitable for
a current limiting resistor.
c Features
1. Small fluctuation in the circuit due to resistance
tolerance +/-10%
2. Narrow current range (less than twice) between
operating and non-operating current at -10 to
60 degrees C.
3. Quick operating time due to small size compared
with conventional products.
4. Best suited to meet the requirements for power
supplies and motor protection. Error-free operations
are assured by rush current.
5. Circuit is protected until current is turned off.
6. Restores the original low resistance value
automatically once the overload is removed.
7. Non-contact design leads to long life and no noise.
Durable and strong against mechanical vibration
and shock because it is a solid element.
F±1.5
ød±0.05
D max.
T max.
(in mm)
Part Number
Max.
Voltage
(V)
Hold Current
(at +60°C)
(mA)
Hold Current
(at +25°C)
(mA)
Trip Current
(at +25°C)
(mA)
Trip Current
(at -10°C)
(mA)
Max.
Current
(A)
Resistance
(at +25°C)
(ohm)
Body
Diameter
(D) (mm)
Thickness
(T)
(mm)
Height
(H)
(mm)
Lead
Space
(F) (mm)
Lead
Diameter
(phi d) (mm)
PTGL04AS100K3B51B0
51
168
213
283
332
1.0
10 ±10%
4.5
3.5
9.5
5.0
0.6
PTGL05AS6R8K3B51B0
51
197
249
331
388
1.5
6.8 ±10%
5.5
3.5
10.5
5.0
0.6
PTGL07AS3R3K3B51B0
51
307
389
517
606
3.0
3.3 ±10%
7.3
3.5
12.3
5.0
0.6
PTGL09AS2R2K3B51B0
51
412
522
694
814
4.0
2.2 ±10%
9.3
3.5
14.3
5.0
0.6
PTGL12AS1R2K3B51B0
51
592
749
996
1168
5.0
1.2 ±10%
11.5
3.5
16.5
5.0
0.6
PTGL04AS220K4N51B0
60
88
112
149
175
1.0
22 ±10%
4.5
3.5
9.5
5.0
0.5
PTGL04AS220K4B51B0
60
115
145
193
226
1.0
22 ±10%
4.5
3.5
9.5
5.0
0.6
PTGL05AS100K4B51B0
60
170
215
286
335
1.5
10 ±10%
5.5
3.5
10.5
5.0
0.6
PTGL07AS5R6K4N51B0
60
186
236
314
368
2.2
5.6 ±10%
7.3
3.5
12.3
5.0
0.5
PTGL07AS5R6K4B51B0
60
229
290
386
452
3.0
5.6 ±10%
7.3
3.5
12.3
5.0
0.6
PTGL09AS3R3K4B51B0
60
333
421
560
656
4.0
3.3 ±10%
9.3
3.5
14.3
5.0
0.6
PTGL12AS2R2K4B51B0
60
439
556
739
867
5.0
2.2 ±10%
11.5
3.5
16.5
5.0
0.6
Maximum Current shows typical capacities of the transformer which can be used.
51/60V Series are recognized by UL.
Taping type is also available. Please refer to the page of "Package" information for details.
R90E.pdf
Sep.24,2012
25
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com