Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF18BE471RB5RB Datasheet(PDF) 68 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 68 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 103 page
background image
PTGL Series Specifications and Test Methods
POSISTOR
r is set in an environmental chamber at 60±3°C
with maximum voltage applied for 1.5 hours and then is left
without voltage applied for 0.5 hours. This cycle is repeated for
1000±10 hours, and after the device is left at room temperature
(25°C) for one hour, the resistance measurement is performed.
(A protective resistor is to be connected in series and the
inrush current through POSISTOR
r must be limited below
max. rated value.)
Load Cycle Test at
High Temperature
ΔR/R25<=±20%
POSISTOR
r is set in an environmental chamber at 40±2°C
and 90 to 95% humidity for 500±4 hours. After the device is left
at room temperature (25°C) for one hour, the resistance
measurement is performed.
Humidity Test
ΔR/R25<=±20%
The lead wire of POSISTOR
r is soaked in molten solder (JIS Z
3282 H60A) at 350±10°C from the bottom to a point of 2.0 to
2.5mm for 3.5±0.5 sec. After the device is being left at room
temperature (25°C) for 24±4 hours, the resistance is measured.
Terminal Durability
of Soldering
ΔR/R25<=±15%
The Lead wire of POSISTOR
r is soaked in an Isopropyl alcohol
(JIS K 8839) or ethanol (JIS K 8101) solution (about 25wt%) of
colophony (JIS K 5902) for 5 to 10 sec. And, each lead wire is
soaked in molten solder (JIS Z 3282 H60A) at 235±5°C from
the bottom to a point of 2.0 to 2.5mm for 2±0.5 sec.
Solderability
Solder is applied around the lead wire covering 3/4 or more of
the circumference without gap in the axial direction.
POSISTOR
r is held so that it is perpendicular to the lead wire
with the following lead hanging in the axial direction of the lead
wire. The lead wire is slowly bent to 90° and returned. Then it is
slowly bent in the opposite direction and returned to original
state.
Bending Strength of
Lead Wire Terminal
Lead wire does not come off.
The load is gradually applied to each terminal of POSISTOR
r
until the force of the following table in the axial direction with
fixing POSISTOR
r's body itself and this load is being kept for
10 seconds.
Tensile Strength of
Lead Wire Terminal
No damage
We apply AC voltage 120% (16V Series: 110%) that of the
maximum voltage to POSISTOR
r by raising voltage gradually
for 180±5 seconds at 25°C. (A protective resistor is to be
connected in series, and the inrush current through
POSISTOR
r must be limited below max. rated value.)
Withstanding Voltage
No problem
Resistance value is measured by applying voltage under
1.5Vdc (by a direct current of less than 10mA) at 25°C.
But it must be measured after maximum voltage is applied for
180 seconds and then is left for 2 hours at 25°C.
As for 16V series, measurement probes should be connected
on the lead wire at the point within 2mm from the below side of
the forming.
Resistance should be measured by 4 wiring method.
Resistance Value
(at 25°C)
Satisfies ratings
The temperature range with maximum voltage applied to the
POSISTOR
r.
Continuous Operating
Temperature
-10 to +60 °C
Lead Diameter
Force
4.90N
9.80N
ø0.60mm max.
ø0.65mm min.
Lead Diameter
Force
2.45N
4.90N
ø0.60mm max.
ø0.65mm min.
Method of Examination
Rating Value
Item
R90E.pdf
Sep.24,2012
66
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com