Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5668EF1AVMG Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # SPC5668EF1AVMG
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5668EF1AVMG Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button SPC5668EF1AVMG Datasheet HTML 21Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 22Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 23Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 24Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 25Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 26Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 27Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 28Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
Pin Assignments
MPC5668x Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
25
3.3.1
Power and Ground Supply Summary
Table 3. MPC5668x Power/Ground
Pin
Name
Function Description
Voltage1
1 Nominal voltages.
Package Pin Locations
208
256
VDD
Internal Logic Power
1.2 V
D4, D10, H4, G13, K13, N5
D4, D10, H4, G13, K13, N5
VDDE1
External I/O Power
3.3–5.0 V
D6
D6
VDDE2
L4
L4
VDDE3
J13
J13
VDDE4
N10
N10
VDDA
Analog Power
3.3–5.0 V
B15
B15
VDD33
3.3 V I/O Power
3.3 V
L13
L13
VDDEMLB
Media Local Bus Power
2.5 or 3.3 V
K4
K4
VDDENEX
2
2 Dedicated Nexus power pin on 256-pin package only. On the 208-pin package, VDDENEX is tied to VSS internal to the
package substrate and is not available externally.
Nexus Power
3.3 V
—
E6, K11, L7
VRCSEL
Voltage Regulator Select
VSSA / VDDA
H13
H13
VRC
Voltage Regulator Control Voltage
3.3–5.0 V
B10
B10
VRCCTL
Voltage Regulator Control Output
—
3
3 Base current to external NPN power transistor. Voltage may vary.
B11
B11
VDDSYN
Clock Synthesizer Power
3.3 V
A12
A12
VRH
Analog High Voltage Reference
3.3–5.0 V
B16
B16
VRL
Analog Low Voltage Reference
0 V
C16
C16
VSS
Ground
0 V
A1, A16, D7, G4, G[7:10],
H[7:10], J[7:10], K[7:10], N13,
T1, T16
A1, A16, D7, E[7:12], F[7:12],
G4, G[6:12], H[7:12], J[7:12],
K[6:10], K12, L[8:10], L12,
N13, T1, T16
VSSA
Analog Ground
0 V
C15
C15
VSSSYN
Clock Synthesizer Ground
0 V
A15
A15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com