Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5668EF1AVMG Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # SPC5668EF1AVMG
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5668EF1AVMG Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button SPC5668EF1AVMG Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 11Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 12Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Pin Assignments
MPC5668x Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
9
PA6
PA[6]
AN[6]
600
01
10
11
Port A GPI
ADC Analog Input
—
—
I
I
—
—
VDDA
IHA
—
—
H16
H16
PA7
PA[7]
AN[7]
700
01
10
11
Port A GPI
ADC Analog Input
—
—
I
I
—
—
VDDA
IHA
—
—
G14
G14
PA8
PA[8]
AN[8]
800
01
10
11
Port A GPI
ADC Analog Input
—
—
I
I
—
—
VDDA
IHA
—
—
F14
F14
PA9
PA[9]
AN[9]
900
01
10
11
Port A GPI
ADC Analog Input
—
—
I
I
—
—
VDDA
IHA
—
—
E14
E14
PA10
PA[10]
AN[10]
10
00
01
10
11
Port A GPI
ADC Analog Input
—
—
I
I
—
—
VDDA
IHA
—
—
D13
D13
PA11
PA[11]
AN[11]
11
00
01
10
11
Port A GPI
ADC Analog Input
—
—
I
I
—
—
VDDA
IHA
—
—
E13
E13
PA12
PA[12]
AN[12]
12
00
01
10
11
Port A GPI
ADC Analog Input
—
—
I
I
—
—
VDDA
IHA
—
—
D14
D14
PA13
PA[13]
AN[13]
13
00
01
10
11
Port A GPI
ADC Analog Input
—
—
I
I
—
—
VDDA
IHA
—
—
F13
F13
PA14
PA[14]
AN[14]
EXTAL32
14
00
01
10
11
Port A GPI
ADC Analog Input
External 32 kHz Crystal In
—
I
I
I
—
VDDA
IHA
—
—
D16
D16
PA15
PA[15]
AN[15]
XTAL32
15
00
01
10
11
Port A GPI
ADC Analog Input
External 32 kHz Crystal Out
—
I
I
O
—
VDDA
IHA
—
—
E16
E16
Table 2. MPC5668x Signal Properties (continued)
Pin
Name1
Supported
Functions2
GPIO
(PCR)
Num3
PA4
Description
I/O
Type
Volt-
age
Pad
Type5
Status
Package Pin
Locations
During
Reset6
After
Reset7
208
BGA
256
BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com