Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5668EF1AVMG Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # SPC5668EF1AVMG
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5668EF1AVMG Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button SPC5668EF1AVMG Datasheet HTML 25Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 26Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 27Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 28Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 29Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 30Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 31Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 32Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
Electrical Characteristics
MPC5668x Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
29
RJC is device related and cannot be influenced by the user. The user controls the thermal environment to change the case to
ambient thermal resistance, RCA. For instance, the user can change the air flow around the device, add a heat sink, change the
mounting arrangement on printed circuit board, or change the thermal dissipation on the printed circuit board surrounding the
device. This description is most useful for packages with heat sinks where some 90% of the heat flow is through the case to the
heat sink to ambient. For most packages, a better model is required.
A more accurate two-resistor thermal model can be constructed from the junction to board thermal resistance and the junction
to case thermal resistance. The junction to case covers the situation where a heat sink will be used or where a substantial amount
of heat is dissipated from the top of the package. The junction to board thermal resistance describes the thermal performance
when most of the heat is conducted to the printed circuit board. This model can be used for either hand estimations or for a
computational fluid dynamics (CFD) thermal model.
To determine the junction temperature of the device in the application after prototypes are available, the Thermal
Characterization Parameter (
JT) can be used to determine the junction temperature with a measurement of the temperature at
the top center of the package case using the following equation:
TJ =TT +(JT  PD)
Eqn. 4
where:
TT = thermocouple temperature on top of the package (
oC)
JT = thermal characterization parameter (
oC/W)
PD = power dissipation in the package (W)
The thermal characterization parameter is measured per JESD51-2 specification using a 40-gauge type T thermocouple epoxied
to the top center of the package case. The thermocouple should be positioned so that the thermocouple junction rests on the
package. A small amount of epoxy is placed over the thermocouple junction and over about 1 mm of wire extending from the
junction. The thermocouple wire is placed flat against the package case to avoid measurement errors caused by cooling effects
of the thermocouple wire.
References:
Semiconductor Equipment and Materials International
3081 Zanker Road
San Jose, CA 95134
(408) 943-6900
MIL-SPEC and EIA/JESD (JEDEC) specifications are available from Global Engineering Documents at 800-854-7179 or
303-397-7956.
JEDEC specifications are available on the WEB at http://www.jedec.org.
1.
C.E. Triplett and B. Joiner, “An Experimental Characterization of a 272 PBGA Within an Automotive Engine
Controller Module,” Proceedings of SemiTherm, San Diego, 1998, pp. 47–54.
2.
G. Kromann, S. Shidore, and S. Addison, “Thermal Modeling of a PBGA for Air-Cooled Applications,” Electronic
Packaging and Production, pp. 53–58, March 1998.
3.
B. Joiner and V. Adams, “Measurement and Simulation of Junction to Board Thermal Resistance and Its Application
in Thermal Modeling,” Proceedings of SemiTherm, San Diego, 1999, pp. 212–220.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com