Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5668EF1AVMG Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # SPC5668EF1AVMG
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5668EF1AVMG Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button SPC5668EF1AVMG Datasheet HTML 14Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 15Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 16Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 17Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 18Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 19Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 20Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 21Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
MPC5668x Microcontroller Data Sheet, Rev. 6
Pin Assignments
Freescale Semiconductor
18
PG2
PG[2]
PCS_D[1]
SCL_C
AN[50]
98
00
01
10
11
Port G GPIO
DSPI_D Peripheral Chip Select
I2C_C Serial Clock
ADC Analog Input
I/O
O
I/O
I
VDDE3
SHA
—
—
H14
H14
PG3
PG[3]
PCS_D[2]
SDA_C
AN[51]
99
00
01
10
11
Port G GPIO
DSPI_D Peripheral Chip Select
I2C_C Serial Data
ADC Analog Input
I/O
O
I/O
I
VDDE3
SHA
—
—
J14
J14
PG4
PG[4]
PCS_D[3]
SCL_B
AN[52]
100
00
01
10
11
Port G GPIO
DSPI_D Peripheral Chip Select
I2C_B Serial Clock
ADC Analog Input
I/O
O
I/O
I
VDDE3
SHA
—
—
K14
K14
PG5
PG[5]
PCS_D[4]
SDA_B
AN[53]
101
00
01
10
11
Port G GPIO
DSPI_D Peripheral Chip Select
I2C_B Serial Data
ADC Analog Input
I/O
O
I/O
I
VDDE3
SHA
—
—
L14
L14
PG6
PG[6]
PCS_C[1]
FEC_MDC
AN[54]
102
00
01
10
11
Port G GPIO
DSPI_C Peripheral Chip Select
Ethernet Mgmt. Data Clock
ADC Analog Input
I/O
O
O
I
VDDE3
MHA
—
—
H15
H15
PG7
PG[7]
PCS_C[2]
FEC_MDIO
AN[55]
103
00
01
10
11
Port G GPIO
DSPI_C Peripheral Chip Select
Ethernet Mgmt. Data I/O
ADC Analog Input
I/O
O
I/O
I
VDDE3
MHA
—
—
J15
J15
PG8
PG[8]
eMIOS[7]
FEC_TX_CLK
AN[56]
104
00
01
10
11
Port G GPIO
eMIOS Channel
Ethernet Transmit Clock
ADC Analog Input
I/O
I/O
I
I
VDDE3
SHA
—
—
K15
K15
PG9
PG[9]
eMIOS[6]
FEC_CRS
AN[57]
105
00
01
10
11
Port G GPIO
eMIOS Channel
Ethernet Carrier Sense
ADC Analog Input
I/O
I/O
I
I
VDDE3
SHA
—
—
L15
L15
PG10
PG[10]
eMIOS[5]
FEC_TX_ER
AN[58]
106
00
01
10
11
Port G GPIO
eMIOS Channel
Ethernet Transmit Error
ADC Analog Input
I/O
I/O
O
I
VDDE3
MHA
—
—
M15
M15
PG11
PG[11]
eMIOS[4]
FEC_RX_CLK
AN[59]
107
00
01
10
11
Port G GPIO
eMIOS Channel
Ethernet Receive Clock
ADC Analog Input
I/O
I/O
I
I
VDDE3
SHA
—
—
J16
J16
PG12
PG[12]
eMIOS[3]
FEC_TXD[0]
AN[60]
108
00
01
10
11
Port G GPIO
eMIOS Channel
Ethernet Transmit Data
ADC Analog Input
I/O
I/O
O
I
VDDE3
MHA
—
—
K16
K16
Table 2. MPC5668x Signal Properties (continued)
Pin
Name1
Supported
Functions2
GPIO
(PCR)
Num3
PA4
Description
I/O
Type
Volt-
age
Pad
Type5
Status
Package Pin
Locations
During
Reset6
After
Reset7
208
BGA
256
BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com