Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5668EF1AVMG Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # SPC5668EF1AVMG
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5668EF1AVMG Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button SPC5668EF1AVMG Datasheet HTML 36Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 37Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 38Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 39Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 40Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 41Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 42Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 43Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
MPC5668x Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
40
4.13
Pad AC Specifications
6
256 KB Block Pre-program and Erase Time
t256kpperase — 5200
15,000
ms
7
Wait States Relative to System Frequency5
PFCRPn[RWSC] = PFCRPn[APC] = 0b000; PFCRPn[WWSC] = 0b01
PFCRPn[RWSC] = PFCRPn[APC] = 0b001; PFCRPn[WWSC] = 0b01
PFCRPn[RWSC] = PFCRPn[APC] = 0b010; PFCRPn[WWSC] = 0b01
PFCRPn[RWSC] = PFCRPn[APC] = 0b011 – 0b111; PFCRPn[WWSC] = 0b01
trwsc
—
—
—
—
—
—
—
—
30
60
90
fSYS max
MHz
8
Recovery Time
tRecover
——
45
s
1 Typical program and erase times assume nominal supply values and operation at 25 oC.
2 Initial factory condition:
 100program/erase cycles, nominal supply values and operation at 25 oC.
3 The maximum time is at worst case conditions after the specified number of program/erase cycles. This maximum value is
characterized but not guaranteed.
4 Actual hardware programming time. This does not include software overhead.
5 Wait state timing is based on the system clock frequency and thus is same for all masters.
Table 21. Flash EEPROM Module Life (Full Temperature Range)
Spec
Characteristic
Symbol
Min
Typical1
1 Typical endurance is evaluated at 25 oC. Product qualification is performed to the minimum specification. For additional
information on the Freescale definition of Typical Endurance, please refer to Engineering Bulletin EB619, Typical Endurance
for Nonvolatile Memory.
Unit
1
Number of Program/Erase cycles per block for 16 KB and 64 KB blocks
over the operating temperature range (TJ)
P/E
100,000
—
cycles
2
Number of Program/Erase cycles per block for 128 KB blocks over the
operating temperature range (TJ)
P/E
1,000
100,000
cycles
3
Minimum Data Retention at 85 °C ambient temperature2
Blocks with 0–1,000 P/E cycles
Blocks with 1,001–10,000 P/E cycles
Blocks with 10,001–100,000 P/E cycles
2 Ambient temperature averaged over duration of application, not to exceed product operating temperature range.
Retention
20
10
1–5
—years
Table 22. Pad AC Specifications (5.0 V, 2.5 V)1
Spec
Pad Type2
SRC/DSC3
Output Delay4,4 (ns)
Rise/Fall5,6
(ns)
Load Drive
(pF)
1
Slow7
00
318/343
155/173
50
408/431
188/204
200
01
61/67
30/34
50
80/90
38/44
200
11
18/18
10/11
50
27/28
15/17
200
Table 20. Flash Program and Erase Specifications1 (continued)
Spec
Characteristic
Symbol
Min
Initial
Max2
Max3
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com